Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2476 Datasheet(PDF) 39 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 35Page - STMicroelectronics AN2476 Datasheet HTML 36Page - STMicroelectronics AN2476 Datasheet HTML 37Page - STMicroelectronics AN2476 Datasheet HTML 38Page - STMicroelectronics AN2476 Datasheet HTML 39Page - STMicroelectronics AN2476 Datasheet HTML 40Page - STMicroelectronics AN2476 Datasheet HTML 41Page - STMicroelectronics AN2476 Datasheet HTML 42Page - STMicroelectronics AN2476 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
AN2476
Operating measurements
39/49
Wake-up time measurements
Definition:
Two wake-up time measurements can be made. The STR75x can be restarted either
from the low-power mode on the internal free oscillator (FREEOSC ) or on the main
oscillator, restarting it if necessary (OSC4M PLL).
FREEOSC: Time between wake-up trigger event and the first fetched instruction
by the core.
OSC4M PLL: Time between the wake-up trigger event and the execution of the
instruction once the clock has been started by either the library function or in the
interrupt handler routine.
Measurement: Place the oscilloscope on:
Pin 60 (I/O P1.15: WKP_STDBY) and pin 42 (I/O P0.16) to measure the wake-up-
time in a FREEOSC configuration. This time is measured between the rising edge
on pin 60 and a falling edge on pin 42.
Pin 60 (I/O P1.15: WKP_STDBY) and Pin 32 (I/O P2.18) to measure the wake-up-
time in a OSC4M PLL configuration. This time is measured between the rising
edge on pin 60 and a falling edge on pin 32.
3.2
Software provided with this application note
There are 3 folders in the ZIP file provided with this application note:
3.2.1
Standby mode
This example shows how to put the system in STANDBY mode and how to wake-up again
using external RESET, WKP_STDBY pin or RTC Alarm (if RTC_ON is set in 75x_conf.h
file).
Of course this software used the standard STR750 library and this example show how to
used the function MRCC_EnterSTANDBYMode(). Refer to Chapter 2.7:
MRCC_EnterSTANDBYMode on page 31 for further information.
Choose RTC using clock:
Comment the following line in the 75x_conf.h file, if the RTC clock is not required in
STANDBY mode in the application:
#define RTC_ON
In the associated software, the system clock is set to 60 MHz, the EXTIT line7 is
configured to generate an interrupt on falling edge.
If RTC ON is set (by uncommenting the line #define RTC_ON in 75x_conf.h file):
The RTC is programmed to generate an interrupt each 1 second. In the RTC interrupt
handler, an LED connected to P2.18 pin is toggled, and an LED connected to P0.16 is
on. This is used to indicate whether the MCU is in STANDBY or RUN mode.
When a falling edge is detected on EXTIT line7, an interrupt is generated. In the
EXTIT handler routine the RTC is configured to generate an alarm event after 10
seconds. Then the system enters STANDBY mode causing the P2.18 pin to stop
toggling.
A rising edge on WKP_STDBY pin or an external RESET will wake-up the system
from STANDBY. If within 10 seconds neither rising edge on WKP_STDBY nor
external RESET are generated, the RTC alarm wakes-up the system. After that



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com