Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2476 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 17Page - STMicroelectronics AN2476 Datasheet HTML 18Page - STMicroelectronics AN2476 Datasheet HTML 19Page - STMicroelectronics AN2476 Datasheet HTML 20Page - STMicroelectronics AN2476 Datasheet HTML 21Page - STMicroelectronics AN2476 Datasheet HTML 22Page - STMicroelectronics AN2476 Datasheet HTML 23Page - STMicroelectronics AN2476 Datasheet HTML 24Page - STMicroelectronics AN2476 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
AN2476
Power supply and clocks
21/49
Power Consumption in STOP mode
Table 4 gives an approximate indication of the power savings that can be gained using the
LP_PARAM15:13 bits in the Power Management Control register (MRCC_PWRCTRL).
When all the LP_PARAM bits are enabled, the MCU power consumption consists only of the
static consumption of the Low Power Regulator (and the RSM) plus the leakage currents of
the digital logic (a total of 20µA typical at TA= 25° C for 3.3 V supply).
In dual supply mode (VREG_DIS pin=1), the power consumption consists only of the
leakage current (10 µA typical at TA = 25° C on V18 supply).
Note:
The Low Power RC Oscillator (LPOSC) and the 32.768kHz crystal oscillator (OSC32K) are
still active if previously programmed (RTC is still working if clocked by one of these two
clocks).
The ADC or USB can also consume power unless they are disabled before entering STOP
mode.
Wake-up events
Wake-up from STOP mode can be triggered by a reset, an external interrupt event or an
RTC alarm or NCKDF (no clock detected) interrupt. Refer to Table 3: STOP mode
functionality on page 20.
It is also possible to wake-up from STOP mode triggered by an external interrupt line
(configured in the EXTIT registers) without having enabled the corresponding IRQ in the
EIC. In this case, the External Interrupt Event will exit from STOP, but no IRQ routine will be
invoked. The program will simply resume execution.
The user program must clear the external interrupt line pending bit in the Pending Register
(EXTIT_PR) which caused the wake-up from STOP mode. If this pending bit is not cleared,
the next STOP mode entry procedure will be ignored and program execution will continue.
The RTC can wake up the MCU from STOP mode only through external interrupt line #15
which is internally connected to the RTC alarm. In this case, this external interrupt must be
properly configured. Note that only the RTC alarm is connected to external interrupt line #15
(not the RTC second or overflow interrupt).
Wake-up latency
When the OSC4M oscillator, the Flash memory and the MVREG voltage regulator are kept
active, the application is able to restart immediately with almost no latency.
If Flash memory is disabled in STOP Mode, using the LP_PARAM14 bit in the Power
Management Control register (MRCC_PWRCTRL), latency occurs when restarting due to
the Flash start-up time. Wait states are inserted until the Flash is ready. This latency is not
deterministic and may vary, depending on temperature or process dispersion.
Table 4.
Typical power consumption of circuits controlled by LP mode parameters
Control bit
Circuit
Power Consumption Saving
(under typical conditions
with 3.3V single power scheme)
LP_PARAM15
OSC4M oscillator and PLL
1.8 mA
LP_PARAM14
Flash memory
515 µA
LP_PARAM13
MVREG Main Voltage Regulator
130 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com