Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2476 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 41Page - STMicroelectronics AN2476 Datasheet HTML 42Page - STMicroelectronics AN2476 Datasheet HTML 43Page - STMicroelectronics AN2476 Datasheet HTML 44Page - STMicroelectronics AN2476 Datasheet HTML 45Page - STMicroelectronics AN2476 Datasheet HTML 46Page - STMicroelectronics AN2476 Datasheet HTML 47Page - STMicroelectronics AN2476 Datasheet HTML 48Page - STMicroelectronics AN2476 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
Operating measurements
AN2476
46/49
Note:
1
For this configuration, it is forbidden to put the Flash into BURST mode.
2
Measurements for the wake-up time have been made on pin 1.15. Refer for to Section 3.1
on page 33 for further details.
STOP_FLASH_OSC4M_Off
110
0.3/
2.4
118
0.8 /
2.4
3380
40
STOP_OSC4M_Off
618
0.3/
507
626
0.8/
507
3290
40
STOP_FLASH_PLL_Off
1104
878/
114
1020
740/
114
200
40
STOP_FLASH_Off
5947
1865/
3860
5849
1782/
3860
9.5
NA
STOP_Default
6458
1865/
4352
6427
1782/
4352
9NA
WFI_FLASH_Off
21940
1758/
18466
21950
1666/
18466
10.6
NA
WFI_FLASH_PowerDown1)
22480
1758/
18914
22440
1666/
18914
3.08
NA
WFI_FLASH_On
34180
1758/
28130
34160
1666/
28130
3.08
NA
Table 14.
Typical consumption and timing measurements
Example mode name
Consumption with TA= +25°C (µA)
Wake-up times (µs)
2)
Single
Supply
3.3V
Idd(V33)
Dual
Supply
3.3V
Idd(V33)/
(V18)
Single
Supply
5V
Idd(V33)
Dual
Supply 5V
Idd(V33)/
(V18)
OSC4M
PLL
FREEOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com