Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2476 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 19Page - STMicroelectronics AN2476 Datasheet HTML 20Page - STMicroelectronics AN2476 Datasheet HTML 21Page - STMicroelectronics AN2476 Datasheet HTML 22Page - STMicroelectronics AN2476 Datasheet HTML 23Page - STMicroelectronics AN2476 Datasheet HTML 24Page - STMicroelectronics AN2476 Datasheet HTML 25Page - STMicroelectronics AN2476 Datasheet HTML 26Page - STMicroelectronics AN2476 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 49 page
background image
AN2476
Power supply and clocks
23/49
This procedure is performed by the function of the library described in the Section 2.7:
MRCC_EnterSTANDBYMode on page 31
The Low Power Mode Control Parameters (LP_PARAM bits in the MRCC_PWRCTRL) have
no effect in STANDBY mode.
To enter STANDBY mode, the WKPF bit must be reset. Otherwise, the STANDBY mode
entry procedure will be ignored and program execution will continue.
The user program should also take into account the case of a wake-up event occurring
during the STANDBY mode entry procedure: in this case the STANDBY mode entry
procedure will be ignored and program execution will continue.
Consumption in STANDBY mode
All the peripherals are disabled except the LPVREG (and its associated RSM). The RTC
and its clock source (OSC32K or LPOSC) can be either kept disabled or activated.
If the RTC is disabled, the consumption is reduced to the static consumption of the Low
Power Regulator (and the RSM) which is typically 20µA. The leakage currents due to the
technology are negligible and there is almost no dispersion in temperature (most of the
digital part is not powered)
Wake-up events
Wake-up from STANDBY mode can only be performed by:
A reset
A rising edge RTC alarm event. See Figure 10: Wake-up from Standby mode on
page 23
A rising edge on the WKP_STDBY pin
Refer to Table 5: STANDBY mode functionality on page 25.
Figure 10.
Wake-up from Standby mode
After wake-up from STANDBY mode, program execution restarts in the same way as after a
RESET (the vector reset will be fetched). However, if a wake-up event occurs during the
STANDBY entry procedure, the STANDBY mode entry procedure is ignored and the
program execution continues. The user program should take into account the case of a
wake-up event occurring during the STANDBY mode entry procedure.
Some status flags helps software to determine if it is resuming from RESET or from
STANDBY mode and if STANDBY is exited because of a wake-up event or because of an
external reset.
Refer to the Reference manual for further information on the status bits STDBF and WKPF
in the status register (MRCC_RFSR)
RTC
powered in STANDBY
P1.15 (WKP_STDBY)
Can be read by software
RTC_ALARM
CK_RTC
rising edge
detection
WKPF
Cleared by software or at power-up
EXIT FROM STANDBY
WKP_STDBY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com