Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2476 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2476
Description  STR75x low power modes
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2476 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2476 Datasheet HTML 31Page - STMicroelectronics AN2476 Datasheet HTML 32Page - STMicroelectronics AN2476 Datasheet HTML 33Page - STMicroelectronics AN2476 Datasheet HTML 34Page - STMicroelectronics AN2476 Datasheet HTML 35Page - STMicroelectronics AN2476 Datasheet HTML 36Page - STMicroelectronics AN2476 Datasheet HTML 37Page - STMicroelectronics AN2476 Datasheet HTML 38Page - STMicroelectronics AN2476 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 49 page
background image
AN2476
Operating measurements
35/49
This table describes how the STR750 chip can be powered:
Table 7.
Power supply
This table describes how the STR750 chip can be decoupled
Table 8.
Decoupling capacitor
This table describes how to connect the Pull-up and Pull-down resistors:
Table 9.
Pull-up and pull-down resistor
Quartz
32 KHz
1
Connector
HE-20
1
Signal Name
pin n° to VDD1
pin n° to GND
TEST
9
VSS_IO
10
VDD_IO
44
VDDA_PLL
45
VSS_IO
48
VSSA_PLL
49
VSS18
53
VSSBKP
54
VDD_IO
69
VDDA_ADC
70
VSSA_ADC
73
VSS_IO
74
VREG_DIS
75
VSS18
97
VSS_IO
98
VDD_IO
99
SIgnal Name
Pin
Connection
V18REG
52
Decoupling with 10µF capacitor and VSS18 pin 53.
V18_BKP
55
Decoupling with 1µF capacitor and VSSBKP pin 54.
V18
96
Decoupling with 33nF capacitor and VSS18 pin 97.
VDD_IO
99
Decoupling with 1µF capacitor and VSS_IO pin 98.
Signal Name
Pin
Connection
Boot 0
4
Pull-down to GND via 10K resistor
Boot 1
27
Pull-down to GND via 10K resistor
Components
Value/Reference
Quantity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com