Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2549 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 9Page - STMicroelectronics AN2549 Datasheet HTML 10Page - STMicroelectronics AN2549 Datasheet HTML 11Page - STMicroelectronics AN2549 Datasheet HTML 12Page - STMicroelectronics AN2549 Datasheet HTML 13Page - STMicroelectronics AN2549 Datasheet HTML 14Page - STMicroelectronics AN2549 Datasheet HTML 15Page - STMicroelectronics AN2549 Datasheet HTML 16Page - STMicroelectronics AN2549 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AN2549
Modified features
13/33
1.7.1
Hardware impact
None.
1.7.2
Software impact
None if the software is not writing to PICON bit 5 (P6LIN).
1.8
Ports output control
In the ST10F269Zx, the port output control registers POCONx are used to select the output
driver characteristics of a port. In this way, the output drivers can be adapted to the
application’s requirements, and eventually, the EMI behavior of the device can be improved.
Two characteristics may be selected:
Edge characteristic defines the rise/fall time for the respective outputs, that is, the
transition time. Slow edge reduces the peak currents that are sunk/sourced when
changing the voltage level of an external capacitive load.
Driver characteristic defines either the general driving capability of the respective
drivers, or if the driver strength is reduced after the target output level has been
reached or not. Reducing the driver strength increases the output’s internal resistance,
which attenuates noise that is imported via the output line.
This feature is not available on the ST10F272Z2.
1.8.1
Hardware impact
Some modifications might be needed depending on the usage of this functionality.
1.8.2
Software impact
Parts related to the initialization of the POCONx registers should be suppressed.
1.9
PLL and main on-chip oscillator
Compared to the ST10F269Zx, several modifications have been introduced:
PLL multiplication factors have been adapted in order to match the new frequency
range.
On-chip main oscillator input frequency range has been reshaped, reducing it to 4 to
8 MHz: This allows the power consumption to be reduced when the Real Time Clock is
Table 10.
PICON register description
Bit
Function
Reset value
PxLIN
Port x Low Byte Input Level Selection
0: Pins Px.7..0 switch on standard TTL input levels
1: Pins Px.7..0 switch on CMOS input levels
0
PxHIN
Port x High Byte Input Level Selection
0: Pins Px.15..8 switch on standard TTL input levels
1: Pins Px.15..8 switch on CMOS input levels
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com