Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2549 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 15Page - STMicroelectronics AN2549 Datasheet HTML 16Page - STMicroelectronics AN2549 Datasheet HTML 17Page - STMicroelectronics AN2549 Datasheet HTML 18Page - STMicroelectronics AN2549 Datasheet HTML 19Page - STMicroelectronics AN2549 Datasheet HTML 20Page - STMicroelectronics AN2549 Datasheet HTML 21Page - STMicroelectronics AN2549 Datasheet HTML 22Page - STMicroelectronics AN2549 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AN2549
New features
19/33
Then, in the interrupt routines associated with the XPxIC, the respective flags in the
XIRxSEL registers must be cleared. Since the XIRxSEL registers are not bit addressable, a
pair of registers (a pair for each XIRxSEL) is provided to set and clear the bits of XIRxSEL
without risking to overwrite requests coming after reading the register and before writing it.
Therefore, the following registers must be written to clear the flags:
●
in the CAN1 interrupt routine, XIR0CLR (@ EB14h) = 0x0001
●
in the CAN2 interrupt routine, XIR1CLR (@ EB24h) = 0x0001
●
in the PLL unlock interrupt routine, XIR3CLR (@ EB44h) = 0x0020
Additional information on the X-Interrupt multiplexer structure
Figure 2: X-Interrupt basic structure shows that the X-Interrupt sources are connected to the
interrupt request flag of the XIRxSEL registers and to the XPxIR request flag via an AND
gate with the enable bit. This AND gate is activated by a transition on the Interrupt source
line and not by the latched value in the XIRxSEL register. This means that:
●
A transition on the IT source line generates an interrupt to the ST10 core if the source
is enabled.
●
Writing to an interrupt request flag in an XIRxSEL register does not generate an
interrupt to the ST10 core.
Example: If XIR0SEL = 0x0100: CAN1 interrupt enabled on XP0IC interrupt
To trigger by software the CAN1 interrupt routine with the XP0IC register, the following code
must be used:
XIR0SET = 0x0001;/* Set CAN1 interrupt request Flag in XIR0SEL */
XP0IC = XP0IC | 0x0080;/* Set XP0IR flag, generate an interrupt */
Executing only the first line only sets the flag in the XIR0SEL register but it is not seen by the
AND gate and cannot set the XP0IR flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com