Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2549 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 25Page - STMicroelectronics AN2549 Datasheet HTML 26Page - STMicroelectronics AN2549 Datasheet HTML 27Page - STMicroelectronics AN2549 Datasheet HTML 28Page - STMicroelectronics AN2549 Datasheet HTML 29Page - STMicroelectronics AN2549 Datasheet HTML 30Page - STMicroelectronics AN2549 Datasheet HTML 31Page - STMicroelectronics AN2549 Datasheet HTML 32Page - STMicroelectronics AN2549 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
AN2549
Electrical characteristics
30/33
Multiplexed bus
Demultiplexed bus
Table 20.
Multiplexed bus timings (ns)
Symbol
Parameter
ST10F269Zx
ST10F272Z2
ST10F269Zx
@fCPU = 40 MHz
ST10F272Z2
@fCPU = 40 MHz
Min
Max
Min
Max
Min
Max
Min
Max
t6 CC
Address setup to
ALE
TCL - 10.5
+ tA
-
TCL - 11 +
tA
-2 + tA
-
1.5 + tA
-
t16 SR
ALE low to valid
data in
-
3 TCL - 19
+ tA + tC
-
3 TCL - 20
+ tA + tC
18.5 + tA +
tC
-
17.5 + tA +
tC
-
t17 SR
Address/Unlatch
ed CS to valid
data in
-
4 TCL - 28
+ 2tA + tC
-
4 TCL - 30
+ 2tA + tC
22 + 2tA +
tC
-
20 + 2tA +
tC
-
t39 SR
Latched CS low
to valid data In
-
3 TCL - 19
+ 2tA + tC
-
3 TCL - 21
+ 2tA + tC
18.5 + 2tA
+ tC
-
16.5 + 2tA
+ tC
-
t44 CC
Address float
after RdCS,
WrCS (with RW
delay)
-0-
1.5
-
0
-
1.5
t45 CC
Address float
after RdCS,
WrCS (no RW
delay)
-
TCL
-
TCL + 1.5
-
12.5
-
14
Table 21.
Demultiplexed bus timings
Symbol
Parameter
ST10F269Zx
ST10F272Z2
ST10F269Zx
@fCPU = 40 MHz
ST10F272Z2
@fCPU =
40 MHz
Min
Max
Min
Max
Min
Max
Min
Max
t6 CC
Address setup to
ALE
TCL -
10.5 + tA
-
TCL - 11
+ tA
-2 + tA
-
1.5 +
tA
-
t80 CC
Address/Unlatched
CS setup to RD,
WR (with RW
delay)
-
2 TCL -
8.5 + 2tA
-
2 TCL -
12.5 + 2tA
16.5 + 2tA
-
12.5 +
2tA
-
t81 CC
Address/Unlatched
CS setup to RD,
WR (no RW delay)
-
TCL - 8.5
+ 2tA
-
TCL - 12
+ 2tA
4 + 2tA
-
0.5 +
2tA
-
t16 SR
ALE low to valid
data in
-
3 TCL - 19
+ tA + tC
-
3 TCL - 20
+ tA + tC
18.5 + tA
+ tC
-
17.5 +
tA + tC
-
t17 SR
Address/Unlatched
CS to valid data in
-
4 TCL - 28
+ 2tA + tC
-
4 TCL - 30
+ 2tA + tC
22 + 2tA +
tC
-
20 +
2tA +
tC
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com