Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2549 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 21Page - STMicroelectronics AN2549 Datasheet HTML 22Page - STMicroelectronics AN2549 Datasheet HTML 23Page - STMicroelectronics AN2549 Datasheet HTML 24Page - STMicroelectronics AN2549 Datasheet HTML 25Page - STMicroelectronics AN2549 Datasheet HTML 26Page - STMicroelectronics AN2549 Datasheet HTML 27Page - STMicroelectronics AN2549 Datasheet HTML 28Page - STMicroelectronics AN2549 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN2549
New registers
25/33
The three memory configurations possible for this 64 Kbytes of 'normal user data' are:
●
Default
The four DPP registers are assumed to contain their system startup value (0-3),
providing one linear data area of 64 Kbytes in the first segment (00’0000h - 00’FFFFh).
●
Addresses Linear
DPP3 contains page number 3, allowing access to SYSTEM (extended) SFR registers
and bit-addressable memory. DPP0 - DPP2 provide a linear data area of 48 Kbytes
anywhere in memory.
●
Paged
DPP3 contains page number 3, allowing access to SYSTEM (extended) SFR registers
and bit-addressable memory. DPP0, DPP1 and DPP2 contain the page number of a
data area of 16 Kbytes anywhere in memory.
Therefore, mapping the XRAM2 onto page 2 (segment 0) makes it available for PEC transfer
and the default configuration of the C compiler toolchains can still be used.
4.2
XPEREMU register
This register has been added as a write-only register.
The bit meaning is exactly the same as in the XPERCON register.
4.2.1
Hardware impact
None.
4.2.2
Software impact
Once the XPEN bit of the SYSCON register is set and at least one of the XPeripherals
(except for memories) is activated, the XPEREMU register must be written with the same
contents as the XPERCON register: This is mandatory in order to allow a correct emulation
of the new set of features introduced on XBus for the new ST10 generation. The following
instructions must be added inside the initialization routine:
if (SYSCON.XPEN && (XPERCON & 0x07D3))
then {XPEREMU = XPERCON}
Of course, XPEREMU must be programmed after XPERCON and after SYSCON. In this
way, the final configuration for XPeripherals is stored in XPEREMU and used for the
emulation hardware setup.
ST10F272Z2: XPEREMU (EB7Eh)
XREG
Reset value: XXXXh
15
14
13
12
11
10
98765
4321
0
Reserved
XMIS
CEN
XI2
CEN
XSS
CEN
XAS
CEN
XPW
MEN
Res.
XRT
CEN
CAN2
EN
CAN1
EN
-
WOWOWO
WOWO
-
WO
WO
WO
WO
WO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com