Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2549 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 25Page - STMicroelectronics AN2549 Datasheet HTML 26Page - STMicroelectronics AN2549 Datasheet HTML 27Page - STMicroelectronics AN2549 Datasheet HTML 28Page - STMicroelectronics AN2549 Datasheet HTML 29Page - STMicroelectronics AN2549 Datasheet HTML 30Page - STMicroelectronics AN2549 Datasheet HTML 31Page - STMicroelectronics AN2549 Datasheet HTML 32Page - STMicroelectronics AN2549 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
AN2549
Electrical characteristics
29/33
5.2
AC characteristics at 40 MHz
As the two devices have a different technology, the I/Os also present some differences in the
AC behavior. The tables below (Table 20 and Table 21) list all the timing differences. Please
check carefully your design for possible impact.
5.2.1
External memory bus timings
Note that for CPU clock frequencies above 40 MHz (for ST10F272Z2Q3 devices), some
numbers in the timing formulas become zero or negative, that in most of the cases is not
acceptable or not meaningful at all. In these cases, it is necessary to reduce the speed of
the bus setting properly tA (ALE extension), tC (Memory Cycle Time wait-states) and tF
(Memory tri-state time).
VOLCC
Output low
voltage
–
Port0, Port1, Port4,
ALE, RD, WR, BHE,
CLKOUT, RSTOUT
0.45 / IOL =
2.4mA
–
Port6, ALE,
CLKOUT, WR,
READY, BHE, RD,
RSTOUT, RSTIN
0.4 / IOL = 8mA
0.05 / IOL = 1mA
V
VOL1CC
Output low
voltage (all
other)
–0.45 / IOL =
2.4mA
–0.4 / IOL =4mA
0.05 /
IOL =0.5mA
V
VOHCC
Output high
voltage
0.9VDD /IOH =
-0.5mA
2.4 / IOH = -2.4mA
–
Port0, Port1,
Port4, RD, ALE,
BHE, WR,
CLKOUT,
RSTOUT
VDD - 0.8 / IOH =
-8mA
VDD - 0.08/ IOH =
-1mA
–
Port6, ALE,
CLKOUT, WR,
READY, BHE,
RD, RSTOUT,
RSTIN
V
VOH1CC
Output high
voltage (all
other)
0.9VDD /IOH =
-0.25mA
2.4 / IOH = -1.6mA
–
VDD - 0.8 / IOH =
-4mA
VDD -0.08/IOH =
-0.5mA
–V
IOZ1CC
Input leakage
current (Port 5)
–
±0.5
–
±0.2
µA
IOZ2CC
Input leakage
current (all other
inputs)
–±1
–
±0.5
µA
Table 19.
DC characteristics (continued)
Symbol
Parameter
ST10F269Zx Limit values
ST10F272Z2 Limit values
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com