Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2549 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 10Page - STMicroelectronics AN2549 Datasheet HTML 11Page - STMicroelectronics AN2549 Datasheet HTML 12Page - STMicroelectronics AN2549 Datasheet HTML 13Page - STMicroelectronics AN2549 Datasheet HTML 14Page - STMicroelectronics AN2549 Datasheet HTML 15Page - STMicroelectronics AN2549 Datasheet HTML 16Page - STMicroelectronics AN2549 Datasheet HTML 17Page - STMicroelectronics AN2549 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
AN2549
Modified features
14/33
running in Power Down mode and the on-chip main oscillator clock is used as the
reference.
●
When the PLL is used, the CPU frequency range is 16 to 64 MHz.
Figure 1: ST10F272Z2 clock generation diagram gives a simplified description of the CPU
clock generation. Depending on the multiplication factor selected via Port0 at reset, values
are set for each stage. The CPU clock is in fact generated mainly from a VCO with the
following characteristics:
●
input range: 1 to 3.5 MHz, which explains the Prescaler that divides the XTAL
frequency
●
output range: 64 to 128 MHz that is then divided through Divider1 to generate the CPU
clock
Figure 1.
ST10F272Z2 clock generation diagram
Table 11: ST10F269Zx vs ST10F272Z2 PLL ratio lists the new PLL multiplication factors
and the corresponding frequency ranges for the ST10F272Z2.
Table 11.
ST10F269Zx vs ST10F272Z2 PLL ratio
P0.15-13
(P0H.7-5)
PLL multiplication factor
ST10F272Z2 main oscillator
ST10F269Zx
ST10F272Z2
Input range
(MHz)
CPU clock range
(MHz)
1
1
1
x 4
x 4
4 to 8
16 to 32
1
1
0
x 3
x 3
5.34 to 8
16.02 to 24
1
0
1
x 2
x 8
4 to 8
32 to 64
1
0
0
x 5
x 5
6.4 to 8
32 to 40
0
1
1
x 1
x 1
1 to 64
1 to 64
0
1
0
x 1.5
x 10
4 to 6.4
40 to 64
0
0
1
x 0.5
x 0.5
4 to 8
2 to 4
0
0
0
x 2.5
x 16
4
64
Prescaler
VCO
Divider1
fCPU
Divider2
Phase Comparator
fXTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com