Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2549 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2549
Description  Porting an application from the ST10F269Zx to the ST10F272Z2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2549 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2549 Datasheet HTML 24Page - STMicroelectronics AN2549 Datasheet HTML 25Page - STMicroelectronics AN2549 Datasheet HTML 26Page - STMicroelectronics AN2549 Datasheet HTML 27Page - STMicroelectronics AN2549 Datasheet HTML 28Page - STMicroelectronics AN2549 Datasheet HTML 29Page - STMicroelectronics AN2549 Datasheet HTML 30Page - STMicroelectronics AN2549 Datasheet HTML 31Page - STMicroelectronics AN2549 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
AN2549
Electrical characteristics
28/33
5
Electrical characteristics
Note:
In the tables where the device provides signals with their respective timing characteristics,
the symbol CC (Controller Characteristics) is included in the Symbol column.
In the tables where the external system must provide signals with their respective timing
characteristics to the device, the symbol SR (System Requirement) is included in the
Symbol column.
5.1
DC characteristics
5.1.1
Absolute maximum ratings
They are the same.
5.1.2
Overview of the DC characteristics
The pads of the ST10F272Z2 have been redesigned according to the new technology and
therefore the characteristics are different. The user should verify the DC characteristics.
Table 19 lists the parameters that might be impacted most.
Table 19.
DC characteristics
Symbol
Parameter
ST10F269Zx Limit values
ST10F272Z2 Limit values
Unit
Min
Max
Min
Max
VIL SR
Input low voltage
(all inputs)
-0.5
0.2 VDD - 0.1
-0.3
0.8
V
VILSSR
-0.5
2.0, special
threshold
-0.3
0.3 VDD, special
threshold
VIL1SR
Input low voltage
(RSTIN, EA,
NMI, and RPD)
N.A.
N.A.
-0.3
0.3 VDD
V
VIL2SR
Input low voltage
(XTAL1 and
XTAL3)
-0.3
0.3 VDD
V
VIHSR
Input high
voltage
(all except RPD,
XTAL1 and
XTAL3)
0.2 VDD + 0.9
VDD + 0.5
2.0
VDD + 0.3
V
VIHSSR
0.8 VDD - 0.2
VDD + 0.5,
special threshold
0.7 VDD
VDD + 0.3,
special threshold
HYSCC
Input Hysteresis
N.A.
400, special
threshold
-
400, default
750, special
threshold
700
1400
mV
VHYS1CC
Input Hysteresis
RSTIN, EA, NMI
750
1400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com