Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2784 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2784
Description  Using the high-density STM32F10xxx FSMC peripheral to drive external memories
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2784 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2784 Datasheet HTML 8Page - STMicroelectronics AN2784 Datasheet HTML 9Page - STMicroelectronics AN2784 Datasheet HTML 10Page - STMicroelectronics AN2784 Datasheet HTML 11Page - STMicroelectronics AN2784 Datasheet HTML 12Page - STMicroelectronics AN2784 Datasheet HTML 13Page - STMicroelectronics AN2784 Datasheet HTML 14Page - STMicroelectronics AN2784 Datasheet HTML 15Page - STMicroelectronics AN2784 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
Interfacing with a nonmultiplexed, asynchronous 16-bit NOR Flash memory
AN2784
12/31
Doc ID 14779 Rev 4
To have a correct configuration of the FSMC timings, the timings have to take into account:
●
the maximum read/write access time
●
the different internal FSMC delays
●
the different internal memory delays
Hence, we have:
((ADDSET + 1) + (DATAST + 1)) × tHCLK = max (tWC)
DATAST × HCLK = tWP
For read access, DATAST must verify:
DATAST
(t
AVQV + tsu(Data_NE) + tv(A_NE))/tHCLK – ADDSET – 4
Table 3 gives the meanings and values of the NOR Flash memory parameters.
Using the memory timings in Table 3 and the STM32F10xCDE FSMC asynchronous timings
in Table 2, we can compute the following values:
●
For the M29W128 NOR Flash memory, the timings are:
–
Address setup time: 0x0
–
Data setup time: 0x5
●
For the S29GL128P NOR Flash memory, the timings are:
–
Address setup time: 0x2
–
Data setup time: 0x5
Note:
1
The S29GL128P NOR Flash memory timings are also valid for the M29W128 NOR Flash
memory.
Table 3.
NOR Flash memory timings
Symbols
Parameter
Value
Unit
M29W128xx70
S29GL128P90
tWC
Address valid to next address valid for write
operation
70
90
ns
tRC
Address valid to next address valid for read
access
70
90
ns
tWP
Write Enable low to Write Enable high
45
35
ns
tAVQV
Address valid to output valid
70
90
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com