Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2784 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2784
Description  Using the high-density STM32F10xxx FSMC peripheral to drive external memories
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2784 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2784 Datasheet HTML 13Page - STMicroelectronics AN2784 Datasheet HTML 14Page - STMicroelectronics AN2784 Datasheet HTML 15Page - STMicroelectronics AN2784 Datasheet HTML 16Page - STMicroelectronics AN2784 Datasheet HTML 17Page - STMicroelectronics AN2784 Datasheet HTML 18Page - STMicroelectronics AN2784 Datasheet HTML 19Page - STMicroelectronics AN2784 Datasheet HTML 20Page - STMicroelectronics AN2784 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
AN2784
Interfacing with a nonmultiplexed, asynchronous 16-bit SRAM
Doc ID 14779 Rev 4
17/31
Figure 7.
SRAM asynchronous write access timing
3.1.1
Typical use of the FSMC to interface with an SRAM
In this application note, the IS61WV51216BLL memory is used as the reference.
The IS61WV51216BLL memory is a nonmultiplexed, asynchronous, 16-bit memory. Bank3
is selected to support the SRAM device. Based on these data, the FSMC is configured as
follows:
●
Bank3 is enabled: BCR3_MBKEN bit set to ‘1’
●
Memory type is SRAM: BCR3_MTYP is set to ‘00’ to select the SRAM memory type
●
Databus width is 16 bits: BCR3_MWID is set to ‘01’ to select the 16-bit width
●
The memory is nonmultiplexed: BCR3_MUXEN is reset
All remaining parameters must be kept cleared.
3.2
Timing computation
The SRAM shares the same banks and configuration register as the NOR Flash memory.
As a result, the timing computation method is the same as described in detail in the NOR
Flash section (Section 2.2: Timing computation on page 11).
The FSMC is configured on the basis of the SRAM access timings illustrated in Figure 6 and
Figure 7, and taking into account the following:
●
the maximum read/write access time
●
the different internal FSMC delays
●
the different internal memory delays
A[25:0]
NOE
(ADDSET +1)
(DATAST + 1)
Memory transaction
NEx
D[15:0]
HCLK cycles
HCLK cycles
NWE
NBL[1:0]
data driven by FSMC
ai14721b
1HCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com