Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2784 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2784
Description  Using the high-density STM32F10xxx FSMC peripheral to drive external memories
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2784 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2784 Datasheet HTML 16Page - STMicroelectronics AN2784 Datasheet HTML 17Page - STMicroelectronics AN2784 Datasheet HTML 18Page - STMicroelectronics AN2784 Datasheet HTML 19Page - STMicroelectronics AN2784 Datasheet HTML 20Page - STMicroelectronics AN2784 Datasheet HTML 21Page - STMicroelectronics AN2784 Datasheet HTML 22Page - STMicroelectronics AN2784 Datasheet HTML 23Page - STMicroelectronics AN2784 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Interfacing with an 8-bit NAND Flash memory
AN2784
20/31
Doc ID 14779 Rev 4
4
Interfacing with an 8-bit NAND Flash memory
NAND Flash memories are accessed in accordance with a specific protocol. To write to or
read from the NAND Flash memory, it is necessary to:
1.
Send a command to the NAND Flash memory
2.
Send the address to write to or read from
3.
Read or write the data
The FSMC NAND banks are divides into three sections to allow the user to easily program
the NAND Flash memory: data section, address section, and command section.
Figure 9.
FSMC NAND bank sections
In fact, the three sections are the representation of the real NAND Flash memory. By writing
to any location in the command section, the user writes the command to the NAND Flash
memory. By writing to any location in the address section, the user specifies the address of
the read or write operation. Depending on the structure of the used NAND Flash memory,
four or five operations are required to write the address. By writing to or reading from any
location in the data section, the data are written to or read from the address previously sent
to the address section.
Command section
Address section
Data section
0x02 0000
0x03 FFFF
0x01 0000
0x00 0000
ai15182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com