Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2784 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2784
Description  Using the high-density STM32F10xxx FSMC peripheral to drive external memories
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2784 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2784 Datasheet HTML 10Page - STMicroelectronics AN2784 Datasheet HTML 11Page - STMicroelectronics AN2784 Datasheet HTML 12Page - STMicroelectronics AN2784 Datasheet HTML 13Page - STMicroelectronics AN2784 Datasheet HTML 14Page - STMicroelectronics AN2784 Datasheet HTML 15Page - STMicroelectronics AN2784 Datasheet HTML 16Page - STMicroelectronics AN2784 Datasheet HTML 17Page - STMicroelectronics AN2784 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Interfacing with a nonmultiplexed, asynchronous 16-bit NOR Flash memory
AN2784
14/31
Doc ID 14779 Rev 4
Figure 5.
16-bit NOR Flash: M29W128FL/GL connection to STM32F10xxx
Note:
The GPIO PD6 pin is used to provide a Ready/Busy output signal for NOR Flash memories
(in this case the application needs to poll on the state of this pin to guarantee correct
operation).
In the example shown below, this pin is not used with the M29W128FL and M29W128GL
NOR Flash memories. It is however required for the S29GL128P NOR Flash memory.
A firmware example is available within the STM32F10xxx firmware library provided in the
NOR directory at the path:
STM32F10x_StdPeriph_Lib\Project\STM32F10x_StdPeriph_Examples\FSMC.
The main goal of this example is to provide the basics of how to use the FSMC firmware
library and the associated NOR Flash memory driver to perform erase/read/write operations
on the M29W128FL, M29W128GL or S29GL128P NOR Flash memories mounted on the
STM3210E-EVAL board.
For the FSMC timings, the FSMC NOR Flash firmware driver uses the highest timing values,
that is those of the S29GL128P NOR Flash memory. In this way, the firmware driver is able
to support all the NOR Flash memories available on the STM3210E-EVAL.
+3.3 V
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
A20
A21
A22
+3.3 V
FSMC_NE2
FSMC_NWE
FSMC_NOE
GPIO PD6
R3
10 k
Ω
C3
100 nF
+3.3 V
R1
10 k
Ω
+3.3 V
C2
100 nF
R4
10 k
Ω
C1
100 nF
R5
10 k
Ω
+3.3 V
JP1
A0
+3.3 V
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
R2
10 k
Ω
Default setting: Open
A22
B8
A15
D7
A14
C7
A13
A7
A12
B7
A11
D6
A10
C6
A9
A6
A8
B6
A19
D5
A20
D4
W
A5
RP
B5
A21
C5
Vpp/WP
B4
RB
A4
A18
C4
A17
B3
A7
A3
A6
C3
A5
D3
A4
B2
A3
A2
A2
C2
A1
D2
VCC
D8
A0
E2
E
F2
VSS
E8
G
G2
DQ0
E3
DQ8
F3
DQ1
H3
DQ9
G3
DQ2
E4
DQ10
F4
DQ3
H4
DQ11
G4
VCC
F1
DQ4
H5
DQ12
F5
DQ5
E5
DQ13
G6
DQ6
H6
DQ14
F6
DQ7
E6
DQ15A-1
G7
VSS
H7
BYTE
F7
A16
E7
VCC
G5
VSS
H2
U1
M29W128FL70ZA6E
C4
100 nF
M29W128GL70ZA6E
PD5
PG9
PD6
PD4
PF0
PF12
PF1
PF2
PF3
PF4
PF5
PF13
PF14
PF15
PG0
PG1
PG2
PG3
PG4
PG5
PD11
PD12
PD13
PE3
PE4
PE5
PE6
PD14
PD15
PD0
PD1
PE7
PE8
PE9
PE10
PE11
PE12
PE13
PE14
PE15
PD8
PD9
PD10
ai15180
S29GL128P90FFIR2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com