Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2784 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2784
Description  Using the high-density STM32F10xxx FSMC peripheral to drive external memories
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2784 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2784 Datasheet HTML 23Page - STMicroelectronics AN2784 Datasheet HTML 24Page - STMicroelectronics AN2784 Datasheet HTML 25Page - STMicroelectronics AN2784 Datasheet HTML 26Page - STMicroelectronics AN2784 Datasheet HTML 27Page - STMicroelectronics AN2784 Datasheet HTML 28Page - STMicroelectronics AN2784 Datasheet HTML 29Page - STMicroelectronics AN2784 Datasheet HTML 30Page - STMicroelectronics AN2784 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
AN2784
STM32F10xxx FSMC configuration in 100-pin packages
Doc ID 14779 Rev 4
29/31
5.2
Interfacing the FSMC with a NOR Flash memory
In devices that come in 100-pin packages, only Bank 1 (NOR/PSRAM 1) can be used to
interface with a NOR Flash memory. This is because the NE2, NE3 and NE4 pins are not
available in these packages.
Likewise, the A0-A15 pins are not available, so the NOR Flash controller should be used in
multiplexed mode to use the databus for both address and data.
In 8-bit muxed mode, the FSMC address signals A[15:8] are avaialble on the AD[15:8] pins.
Table 10 shows how to connect a NOR Flash memory to the FSMC peripheral of devices
delivered in 100-pin packages.
Table 10.
NOR Flash memory connection to the FSMC
8-/16-bit NOR/PSRAM pins
FSMC pins
100-pin package
A[15:0]
A[15:0]
DA[15:0]
A[23:16]
A[23:16]
A[23:16]
DQ[15:0]
D[15:0]
D[15:0]
W
NWE
NWE
E
NE1/NE2/NE3/NE4
NE1
G
NOE
NOE
ADV
NADV
NADV
R/B
NWAIT
NWAIT
UB, LB
NBL[1:0]
NBL[1:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com