Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2784 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2784
Description  Using the high-density STM32F10xxx FSMC peripheral to drive external memories
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2784 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2784 Datasheet HTML 18Page - STMicroelectronics AN2784 Datasheet HTML 19Page - STMicroelectronics AN2784 Datasheet HTML 20Page - STMicroelectronics AN2784 Datasheet HTML 21Page - STMicroelectronics AN2784 Datasheet HTML 22Page - STMicroelectronics AN2784 Datasheet HTML 23Page - STMicroelectronics AN2784 Datasheet HTML 24Page - STMicroelectronics AN2784 Datasheet HTML 25Page - STMicroelectronics AN2784 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Interfacing with an 8-bit NAND Flash memory
AN2784
22/31
Doc ID 14779 Rev 4
Figure 10.
NAND memory access timing
4.1.1
Typical use of the FSMC to interface with a NAND memory
The STM32F10xxx FSMC NAND Flash controller can configure Bank2 or Bank3 to support
NAND Flash memories.
The banks are selected using the Chip Select signals, as each bank is associated with a
specific Chip Select.
To enable communication with the NAND Flash devices, the FSMC NAND Flash controller
has to be initialized to meet the characteristics of the NAND Flash devices: features, timings,
data width, etc.
In this application note, the Numonyx NAND512W3A is used as the reference. This memory
has the same access protocol as many other NAND Flash memories on today’s market.
NAND512W3A characteristics:
●
NAND interface: x8 bus width, multiplexed address/ data
●
Page size: x8 device: (512 + 16 spare) bytes
●
Page Read/Program timings:
–
Random access: 12 µs (3 V)/15 µs (1.8 V) (max)
–
Sequential access: 30 ns (3 V)/50 ns (1.8 V) (min)
–
Page Program time: 200 µs (typ)
NCE
NOE
NWE
Write
Data
Read
Data
SET + 1
WAIT + 1
HOLD + 1
HCLK
A[25:0]
HiZ + 1
ai15183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com