Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2784 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2784
Description  Using the high-density STM32F10xxx FSMC peripheral to drive external memories
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2784 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2784 Datasheet HTML 15Page - STMicroelectronics AN2784 Datasheet HTML 16Page - STMicroelectronics AN2784 Datasheet HTML 17Page - STMicroelectronics AN2784 Datasheet HTML 18Page - STMicroelectronics AN2784 Datasheet HTML 19Page - STMicroelectronics AN2784 Datasheet HTML 20Page - STMicroelectronics AN2784 Datasheet HTML 21Page - STMicroelectronics AN2784 Datasheet HTML 22Page - STMicroelectronics AN2784 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
AN2784
Interfacing with a nonmultiplexed, asynchronous 16-bit SRAM
Doc ID 14779 Rev 4
19/31
Figure 8.
16-bit SRAM: IS61WV51216BLL connection to STM32F10xxx
A firmware example is available within the STM32F10xxx firmware library provided in the
FSMC directory at the path:
STM32F10x_StdPeriph_Lib\Project\STM32F10x_StdPeriph_Examples\FSMC .
The main goal of this example is to provide the basics of how to use the FSMC firmware
library and the associate SRAM driver to perform read/write operations on the
IS61WV51216BLL SRAM memory mounted on the STM3210E-EVAL board.
3.4
Using the external SRAM as a data memory
The external SRAM mapped on the FSMC can be used as a data memory in several
applications where a large R/W data memory is required.
The configuration steps required to use the external SRAM as a data memory depend on
the toolchain and hardware being used.
A typical example of such an application is provided within the STM32F10xxx firmware
library at the following path:
STM32F10x_StdPeriph_Lib\Project\STM32F10x_StdPeriph_Examples\FSMC.
This example shows how to use the external SRAM mounted on the STM3210E-EVAL
board as a program data memory and, the internal SRAM as stack. For more details on how
to use this example with your development toolchain, please refer to the readme file
provided within this directory.
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
+3V3
FSMC_NE3
FSMC_NWE
FSMC_NOE
C2
100nF
C1
100nF
A0
A17
A18
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
D14
D15
R1
10K
+3V3
A4
B4
A3
B3
A2
A5
A1
A4
A0
A3
CE
B5
I/O0
B6
I/O1
C5
I/O2
C6
I/O3
D5
VCC
D6
VSS
D1
I/O4
E5
I/O5
F5
I/O6
F6
I/O7
G6
WE
G5
A16
E4
A15
F4
A14
F3
A13
G4
A12
G3
A11
H5
A10
H4
A9
H3
A8
H2
I/O8
B1
I/O9
C1
I/O10
C2
I/O11
D2
VCC
E1
I/O12
E2
I/O13
F2
I/O14
F1
I/O15
G1
LB
A1
UB
B2
OE
A2
A7
D4
A6
C4
A5
C3
A17
D3
A18
H1
VSS
E6
U1
IS61WV51216BLL-10MLI
PE1
PE0
PD5
PD4
PG10
FSMC_NBL0
FSMC_NBL1
PF0
PF12
PD14
PF1
PF2
PF3
PF4
PF5
PF13
PF14
PF15
PG0
PG1
PG2
PG3
PG4
PG5
PD11
PD12
PD13
PD15
PD0
PD1
PE7
PE8
PE9
PE10
PE11
PE12
PE13
PE14
PE15
PD8
PD9
PD10
ai15181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com