Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1053
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1053_15 Datasheet HTML 3Page - Linear Technology LTC1053_15 Datasheet HTML 4Page - Linear Technology LTC1053_15 Datasheet HTML 5Page - Linear Technology LTC1053_15 Datasheet HTML 6Page - Linear Technology LTC1053_15 Datasheet HTML 7Page - Linear Technology LTC1053_15 Datasheet HTML 8Page - Linear Technology LTC1053_15 Datasheet HTML 9Page - Linear Technology LTC1053_15 Datasheet HTML 10Page - Linear Technology LTC1053_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LTC1051/LTC1053
10513fa
As the ambient temperature rises, the leakage current of
the input protection devices increases, while the charge
injection component of the bias current, for all practical
purposes, stays constant. At elevated temperatures (above
85°C) the leakage current dominates and the bias current
of both inputs assumes the same sign.
The charge injection at the op amp input pins will cause
small output spikes. This phenomenon is often referred to
as “clock feedthrough” and can be easily observed when
the closed-loop gain exceeds 10V/V (Figure 2). The mag-
nitude of the clock feedthrough is temperature indepen-
dent but it increases when the closed-loop gain goes up,
when the source resistance increases and when the gain
setting resistors increase (Figure 2a, 2b). It is important to
note that the output small spikes are centered at 0V level
and do not add to the output offset error budget. For
instance, with RS = 1MΩ, the typical output offset voltage
of Figure 2c is:
VOS(OUT) ≈ 108 • IB+ + 101VOS(IN)
A 10pA bias current will yield an output of 1mV ±100µV.
The output clock feedthrough can be attenuated by lower-
ing the value of the gain setting resistors, i.e. R2 = 10k,
R1 = 100Ω, instead of 100k and 1k (Figure 2).
Clock feedthrough can also be attenuated by adding a
capacitor across the feedback resistor to limit the circuit
bandwidth below the internal sampling frequency
(Figure 3).
Input Capacitance
The input capacitance of the LTC1051/LTC1053 op amps
is approximately 12pF. When the LTC1051/LTC1053 op
amps are used with feedback factors approaching unity,
the feedback resistor value should not exceed 7k for
industrial temperature range and 5k for military tempera-
ture range. If a higher feedback resistor value is required,
a feedback capacitor of 20pF should be placed across the
feedback resistor. Note that the most common circuits
with feedback factors approaching unity are unity gain
followers and instrumentation amplifier front ends.
(See Figure 4.)
Figure 2. Clock Feedthrough
Figure 3. Adding a Feedback Capacitor to
Eliminate Clock Feedthrough
+
1/2
LTC1051
RS
1051/53 F02
(c)
100µs/DIV
(b)
100µs/DIV
(a)
R1
1k
R2
100k
RS = 0,
AV =11V/V
20mV/DIV
RS = 0,
AV =101V/V
20mV/DIV
RS = 100k,
AV =11V/V
20mV/DIV
RS = 100k,
AV =101V/V
20mV/DIV
Figure 4. Operating the LTC1051
with Feedback Factors Approaching Unity
+
1/2
LTC1051
1051/53 F04
R1
R2 < 7k, IF R1 > >R2
1
2
3
+
1/2
LTC1051
RS
1051/53 F03
R1
1k
R2
100k
C
1000pF
1
2
3
100µs/DIV
RS = 100k
AV =101V/V
RS = 1MΩ
AV =101V/V
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com