Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1053
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1053_15 Datasheet HTML 5Page - Linear Technology LTC1053_15 Datasheet HTML 6Page - Linear Technology LTC1053_15 Datasheet HTML 7Page - Linear Technology LTC1053_15 Datasheet HTML 8Page - Linear Technology LTC1053_15 Datasheet HTML 9Page - Linear Technology LTC1053_15 Datasheet HTML 10Page - Linear Technology LTC1053_15 Datasheet HTML 11Page - Linear Technology LTC1053_15 Datasheet HTML 12Page - Linear Technology LTC1053_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1051/LTC1053
10513fa
2. If we arbitrarily accept that “aliasing” occurs when
output alias signals reach an amplitude of 0.01% or more
of the output signal, then: the approximate minimum
frequency of an AC input signal which will cause aliasing
is equal to the internal clock frequency multiplied by the
square root of the op amp feedback factor. For instance,
with closed-loop gain of –10, the feedback factor is 1/11
and if fCLK = 2.6kHz, alias signals can be detected when
the frequency of the input signal exceeds 750Hz to 800Hz
(Figure 5a).
3. The number of alias signals increases when the input
signal frequency increases (Figure 5b).
4. When the frequency, fIN, of the input signal is less than
fCLOCK, the alias signal(s) amplitude(s) directly scale with
the amplitude of the incoming signal. The output “signal to
alias ratio” cannot be increased by just boosting the input
signal amplitude. However, when the input AC signal
frequency well exceeds the clock frequency, the amplitude
of the alias signals does not directly scale with the input
amplitude. The “signal to alias ratio” increases when the
output swings closely to the rails. (See Figure 5b and
Figure 7.) It is important to note that the LTC1051/
LTC1053 op amps, under light loads (RL ≥ 10k), swing
closely to the supply rails without generating harmonic
distortion (Figure 8).
B: MAG
RANGE: 9dBV
STATUS: PAUSED
RMS: 25
13dBV
15dB
/DIV
–107
CENTER: 2 625Hz
X: 2535Hz
BW: 19.097Hz
Y: – 74.16dBV
SPAN: 2 000Hz
fIN = 2.685kHz
fCLK
2fCLK – fIN
83.5dB
+
1/2
LTC1051
1051/53 F05a
10k
10k
0.1µF
0.1µF
50pF
5V
–5V
NOTE: THE fCLK – fIN = 85Hz
ALIAS FREQUENCY IS 95dB
DOWN FROM THE OUTPUT LEVEL
VIN = 10kHz
8VP-P
Figure 6b. Output Voltage Spectrum of 1/2 LTC1051 Operating as a Unity-Gain Inverting Amplifier.
VS = ±5V, RL = 10k, CL = 50pF, VIN = 8VP-P, 10kHz
Figure 6a. Output Voltage Spectrum of 1/2 LTC1051 Operating as a Unity-Gain Inverting Amplifier.
VS = ±5V, RL = 10k, CL = 50pF, VIN = 8VP-P, 2.685kHz
B: MAG
RANGE: 9dBV
STATUS: PAUSED
RMS: 50
13dBV
15dB
/DIV
–107
CENTER: 10 000Hz
X: 10000Hz
BW: 95.485Hz
Y: 7.98dBV
SPAN: 10 000Hz
fIN = 10kHz
fIN – fCLK
2 • fCLK
6fCLK – fIN
80dB
15dB
1kHz
5fCLK – fIN
fIN – 2fCLK
NOTE: ALL ALIAS FREQUENCY
80dB TO 84dB DOWN FROM OUTPUT
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com