Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1053
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1053_15 Datasheet HTML 7Page - Linear Technology LTC1053_15 Datasheet HTML 8Page - Linear Technology LTC1053_15 Datasheet HTML 9Page - Linear Technology LTC1053_15 Datasheet HTML 10Page - Linear Technology LTC1053_15 Datasheet HTML 11Page - Linear Technology LTC1053_15 Datasheet HTML 12Page - Linear Technology LTC1053_15 Datasheet HTML 13Page - Linear Technology LTC1053_15 Datasheet HTML 14Page - Linear Technology LTC1053_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1051/LTC1053
10513fa
+
+
+
A
B
1/2
LTC1051
1/2
LTC1051
A1
R1
R2
1
1
2
2
3
3
OUT
OUT
R3
R4
R5
C1
C2
5
6
6
7
8
5V
+
1051/53 AC01a
A1
R1
R2
R3
R4
R5
C1
C2
eOUT(DC – 1Hz)**
eOUT(DC – 10Hz)**
LT1007
3k
2k
340k
10k
100k
0.01µF
0.001µF
0.1µVP-P
0.15µVP-P
LT1012*
750Ω
57Ω
250k
10k
100k
0.01µF
0.001µF
0.3µVP-P
0.4µVP-P
Obtaining Ultralow VOS Drift and Low Noise
The dual chopper op amp buffers the inputs of A1 and
corrects its offset voltage and offset voltage drift. With the
R, C values shown, the power-up warm up time is typically
20 seconds. The step response of the composite amplifier
does not present settling tails. The LT1007 should be used
when extremely low noise; VOS and VOS drift are sought
when the input source resistance is low—for instance a
350Ω strain gauge bridge. The LT1012 or equivalent
should be used when low bias current (100pA) is also
required in conjunction with DC to 10Hz low noise and low
VOS and VOS drift. The measured typical input offset
voltages were less than 2µV.
VS = ±5V
DC TO 10Hz
NOISE
1 SEC/DIV
1051/53 AC01b
DC TO 1Hz
NOISE
LTC1051/LT1007 Peak-to-Peak Noise
TYPICAL APPLICATIO S
* Interchange connections A and B .
** Noise measured in a 10 sec window. Peak-to-peak noise was also measured for 10 continuous minutes: With the LT1007 op amp the recorded noise was less than 0.2µVP-P for both DC-1Hz
and DC-10Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com