Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1053
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053 Datasheet(HTML) 2 Page - Linear Technology

  LTC1053_15 Datasheet HTML 1Page - Linear Technology LTC1053_15 Datasheet HTML 2Page - Linear Technology LTC1053_15 Datasheet HTML 3Page - Linear Technology LTC1053_15 Datasheet HTML 4Page - Linear Technology LTC1053_15 Datasheet HTML 5Page - Linear Technology LTC1053_15 Datasheet HTML 6Page - Linear Technology LTC1053_15 Datasheet HTML 7Page - Linear Technology LTC1053_15 Datasheet HTML 8Page - Linear Technology LTC1053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1051/LTC1053
2
10513fa
Total Supply Voltage (V+ to V) ............................ 16.5V
Input Voltage ........................ (V+ + 0.3V) to (V– 0.3V)
Output Short-Circuit Duration .......................... Indefinite
Consult LTC Marketing for parts specified with wider operating temperature ranges.
(Note 1)
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V unless otherwise noted.
Operating Temperature Range
LTC1051M, LTC1051AM (OBSOLETE) .. –55°C to 125°C
LTC1051C/LTC1053C ......................... – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
OBSOLETE PACKAGE
Consider the N8 Package as an Alternate Source
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
1
2
3
4
8
7
6
5
TOP VIEW
OUT A
–IN A
+IN A
V
V+
OUT B
–IN B
+IN B
N8 PACKAGE
8-LEAD PDIP
J8 PACKAGE
8-LEAD CERDIP
ORDER PART
NUMBER
LTC1051CN8
LTC1051MJ8
LTC1051CJ8
LTC1051AMJ8
LTC1051ACJ8
ORDER PART
NUMBER
1
2
3
4
5
6
7
TOP VIEW
N PACKAGE
14-LEAD PDIP
14
13
12
11
10
9
8
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
TJMAX = 150°C, θJA = 65°C/W
LTC1053CN
1
2
3
4
5
6
7
8
TOP VIEW
SW PACKAGE
16-LEAD PLASTIC SO
16
15
14
13
12
11
10
9
NC
NC
OUT A
–IN A
+IN A
V
NC
NC
NC
NC
V+
OUT B
–IN B
+IN B
NC
NC
TJMAX = 150°C, θJA = 85°C/W
TJMAX = 150°C, θJA = 90°C/W
LTC1051CSW
LTC1053CSW
1
2
3
4
5
6
7
8
9
TOP VIEW
18
17
16
15
14
13
12
11
10
NC
OUT A
–IN A
+IN A
V+
+IN B
–IN B
OUT B
NC
NC
OUT D
–IN D
+IN D
V
+IN C
–IN C
OUT C
NC
SW PACKAGE
18-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 110°C/W
ORDER PART
NUMBER
ORDER PART
NUMBER
ELECTRICAL CHARACTERISTICS
LTC1051/LTC1053
LTC1051A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Offset Voltage
±0.5
±5
±0.5
±5
µV
Average Input Offset Drift
±0.0
±0.05
±0.0
±0.05
µV/°C
Long Term Offset Drift
50
50
nV/√Mo
Input Bias Current
±15
±65
±15
±50
pA
LTC1051C/LTC1053C
±135
±100
pA
Input Offset Current
(All Grades)
±30
±125
±30
±100
pA
±175
±150
pA
Input Noise Voltage (Note 2)
RS = 100Ω, DC to 10Hz
1.5
1.5
2
µVP-P
RS = 100Ω, DC to 1Hz
0.4
0.4
µVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com