Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1053
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053 Datasheet(HTML) 5 Page - Linear Technology

  LTC1053_15 Datasheet HTML 1Page - Linear Technology LTC1053_15 Datasheet HTML 2Page - Linear Technology LTC1053_15 Datasheet HTML 3Page - Linear Technology LTC1053_15 Datasheet HTML 4Page - Linear Technology LTC1053_15 Datasheet HTML 5Page - Linear Technology LTC1053_15 Datasheet HTML 6Page - Linear Technology LTC1053_15 Datasheet HTML 7Page - Linear Technology LTC1053_15 Datasheet HTML 8Page - Linear Technology LTC1053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1051/LTC1053
10513fa
400mV
0
0
–5V
INPUT
OUTPUT
1051/53 G10
AV = –100
VS = ±5V
0.5ms
10 SEC
1µV
1 SEC
VS = ±5V
TA = 25°C
1.4µVP-P
OUTPUT
50mV
/DIV
INPUT
100mV
2µs/DIV
AV = 1, RL = 10k, CL = 100pF
VS = ±5V, TA = 25°C
1051/53 G11
OUTPUT
2V/DIV
INPUT
6V
2µs/DIV
AV = 1, RL = 10k, CL = 100pF
VS = ±5V, TA = 25°C
1051/53 G12
Overload Recovery
Small Signal Transient Response
Large Signal Transient Response
LTC1051/LTC1053 DC to 10Hz Noise
+
+
1/2
LTC1051
LT1012
100k
158k
316k
475k
10Ω
6
2
3
1051/53 TC01
+
V+
1/2
LTC1051
1M
1k
6
4
2
3
8
V
RL
OUTPUT
475k
TO X-Y
RECORDER
0.1µF
0.01µF
0.01µF
FOR 1Hz NOISE BW INCREASE ALL THE CAPACITORS BY A FACTOR OF 10.
Electrical Characteristics Test Circuit
DC 10Hz Noise Test Circuit
TYPICAL PERFOR A CE CHARACTERISTICS
TEST CIRCUITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com