Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1053
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053 Datasheet(HTML) 3 Page - Linear Technology

  LTC1053_15 Datasheet HTML 1Page - Linear Technology LTC1053_15 Datasheet HTML 2Page - Linear Technology LTC1053_15 Datasheet HTML 3Page - Linear Technology LTC1053_15 Datasheet HTML 4Page - Linear Technology LTC1053_15 Datasheet HTML 5Page - Linear Technology LTC1053_15 Datasheet HTML 6Page - Linear Technology LTC1053_15 Datasheet HTML 7Page - Linear Technology LTC1053_15 Datasheet HTML 8Page - Linear Technology LTC1053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC1051/LTC1053
10513fa
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = ±5V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
LTC1051/LTC1053
LTC1051A
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Input Noise Current
f = 10Hz
2.2
2.2
fA/√Hz
Common Mode Rejection Ratio, CMRR
VCM = Vto 2.7V
106
130
114
130
dB
100
110
dB
Differential CMRR
VCM = Vto 2.7V
112
112
dB
LTC1051, LTC1053 (Note 3)
Power Supply Rejection Ratio
VS = ±2.375V to ±8V
116
140
120
140
dB
Large Signal Voltage Gain
RL = 10k, VOUT = ±4V
116
160
120
160
dB
Maximum Output Voltage Swing
RL = 10k
±4.5
±4.85
±4.7
±4.85
V
RL = 100k
±4.5
±4.95
±4.95
V
Slew Rate
RL = 10k, CL = 50pF
4
4
V/µs
Gain Bandwidth Product
2.5
2.5
MHz
Supply Current/Op Amp
No Load
1
2
1
2
mA
2.5
2.5
mA
Internal Sampling Frequency
3.3
3.3
kHz
The denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = ±5V unless otherwise noted.VS = 5V, GND unless otherwise noted.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: For guaranteed noise specification contact LTC Marketing.
Note 3: Differential CMRR for the LTC1053 is measured between
amplifiers A and D, and amplifiers B and C.
LTC1051A/LTC1051/LTC1053
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Offset Voltage
±0.5
±5
µV
Input Offset Drift
±0.01
±0.05
µV/°C
Input Bias Current
±10
±50
pA
Input Offset Current
±20
±80
pA
Input Noise Voltage
DC to 10Hz
1.8
µVP-P
Supply Current/Op Amp
No Load
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com