Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1053 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1053
Description  Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1053 Datasheet(HTML) 1 Page - Linear Technology

  LTC1053_15 Datasheet HTML 1Page - Linear Technology LTC1053_15 Datasheet HTML 2Page - Linear Technology LTC1053_15 Datasheet HTML 3Page - Linear Technology LTC1053_15 Datasheet HTML 4Page - Linear Technology LTC1053_15 Datasheet HTML 5Page - Linear Technology LTC1053_15 Datasheet HTML 6Page - Linear Technology LTC1053_15 Datasheet HTML 7Page - Linear Technology LTC1053_15 Datasheet HTML 8Page - Linear Technology LTC1053_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC1051/LTC1053
10513fa
FREQUENCY (Hz)
10
120
100
80
60
40
20
100
1k
10k
1051/53 TA01b
The LTC
®1051/LTC1053 are high performance, low cost
dual/quad zero-drift operational amplifiers. The unique
achievement of the LTC1051/LTC1053 is that they integrate
on chip the sample-and-hold capacitors usually required
externally by other chopper amplifiers. Further, the
LTC1051/LTC1053 offer better combined overall DC and
AC performance than is available from other chopper
stabilized amplifiers with or without internal sample/hold
capacitors.
The LTC1051/LTC1053 have an offset voltage of 0.5µV,
drift of 0.01µV/°C, DC to 10Hz, input noise voltage typically
1.5µVP-P and typical voltage gain of 140dB. The slew rate
of 4V/µs and gain bandwidth product of 2.5MHz are
achieved with only 1mA of supply current per op amp.
Overload recover times from positive and negative
saturation conditions are 1.5ms and 3ms respectively,
about a 100 or more times improvement over chopper
amplifiers using external capacitors.
The LTC1051 is available in an 8-lead standard plastic
dual-in-line package as well as a 16-pin SW package. The
LTC1053 is available in a standard 14-pin plastic package
and an 18-pin SO. The LTC1051/LTC1053 are plug in
replacements for most standard dual/quad op amps with
improved performance.
Thermocouple Amplifiers
Electronic Scales
Medical Instrumentation
Strain Gauge Amplifiers
High Resolution Data Acquisition
DC Accurate R C Active Filters
Dual/Quad Low Cost Precision Op Amp
No External Components Required
Maximum Offset Voltage: 5µV
Maximum Offset Voltage Drift: 0.05µV/°C
Low Noise 1.5µVP-P (0.1Hz to 10Hz)
Minimum Voltage Gain: 120dB
Minimum PSRR: 120dB
Minimum CMRR: 114dB
Low Supply Current: 1mA/Op Amp
Single Supply Operation: 4.75V to 16V
Input Common Mode Range Includes Ground
Output Swings to Ground
Typical Overload Recovery Time: 3ms
Pin Compatible with Industry Standard Dual and
Quad Op Amps
Dual/Quad Precision
Zero-Drift Operational Amplifiers
With Internal Capacitors
High Performance Low Cost Instrumentation Amplifier
LTC1051 Noise Spectrum
+
+
5V
1/2
LTC1051
1/2
LTC1051
VIN
VIN
–5V
R1
R2
R1
R2
1
2
3
4
5
6
7
8
1051/53 TA01a
R1 = 499Ω, 0.1%
R2 = 100k, 0.1%
GAIN = 201
MEASURED CMRR ~ 120dB AT DC
MEASURED INPUT VOS 3µV
MEASURED INPUT NOISE 2µVP-P (DC – 10Hz)
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LTC and LT are registered trademarks of Linear Technology Corporation.
APPLICATIO S


Similar Part No. - LTC1053_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1053C LINER-LTC1053C Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1053CN LINER-LTC1053CN Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1053CN LINER-LTC1053CN Datasheet
295Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1053CS LINER-LTC1053CS Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1053CSW LINER-LTC1053CSW Datasheet
295Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results

Similar Description - LTC1053_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1051 LINER-LTC1051 Datasheet
971Kb / 15P
Dual/Quad Precision Chopper Stabilized Operational Amplifiers with Internal Capacitors
LTC1051 LINER-LTC1051_1 Datasheet
295Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
LTC1047 LINER-LTC1047_09 Datasheet
157Kb / 12P
Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_09 Datasheet
226Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC1047 LINER-LTC1047_15 Datasheet
163Kb / 12P
Dual Micropower Zero-Drift Operational Amplifier with Internal Capacitors
LTC1050 LINER-LTC1050_15 Datasheet
232Kb / 16P
Precision Zero-Drift Operational Amplifier with Internal Capacitors
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC1051 LINER-LTC1051_15 Datasheet
304Kb / 16P
Dual/Quad Precision Zero-Drift Operational Amplifiers With Internal Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com