Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2946 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 9Page - STMicroelectronics AN2946 Datasheet HTML 10Page - STMicroelectronics AN2946 Datasheet HTML 11Page - STMicroelectronics AN2946 Datasheet HTML 12Page - STMicroelectronics AN2946 Datasheet HTML 13Page - STMicroelectronics AN2946 Datasheet HTML 14Page - STMicroelectronics AN2946 Datasheet HTML 15Page - STMicroelectronics AN2946 Datasheet HTML 16Page - STMicroelectronics AN2946 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
AN2946
Hardware design
Doc ID 15473 Rev 2
13/38
3.1.3
LED lamp driving circuit
The LED lamp driver is designed with flyback topology. No isolation is required in this
application. Flyback is suitable for a wide ratio range of output voltage to input voltage. The
battery voltage is 11 V ~ 14.3 V while for the LED lamp, which is connected in a 3*7 matrix
(3 LED lamps in series and 7 strings in parallel), the maximum LED voltage is defined as
12 V. The flyback converter keeps the LED current constant in the above-mentioned battery
voltage range. In Figure 12, T1 is the flyback transformer and Q4 is the power MOSFET. D5
and D9 clamp the maximum voltage across Q4 in the off-state. D10 acts as the output
rectifier and C30 and C33 are the output capacitors. R46, R47 and U9 are used to sense the
LED lamp current and feedback to the MCU for constant current regulation. The PWM signal
from the MCU is converted from TTL level to CMOS level via U2 and amplified by Q7 and
Q8 to drive Q4. When OCP and/or OVP activate, Q3 and Q9 are used to guarantee a single
turn-on within each switching cycle. The MOSFET current is sensed by resistors R30, R33
and R54 and amplified by U5B. The output of U5B is used to achieve OCP. There are two
levels of OCP implemented in the LED lamp driver. The MOSFET current is sensed and
transferred to comparators U7A and U7B. U7B sets the first current limit which is activated
cycle by cycle. R37 and R36 form a voltage divider and set the threshold at the negative
input of U7B. Overcurrent in the primary circuit of T1 results in high logic output of U7B, thus
pulling down the voltage of the 'LED_Protection' node at the Q5 collector. Consequently,
comparator U2 outputs low voltage and forces Q4 to shut down. In case a heavy overload or
short-circuit occurs, such as a physical short-circuit of T1 or D10 which might exist for some
time, a second level OCP is needed to protect the driver. R41 and R43 form another voltage
divider and set a higher threshold. A high current spike from Q4 triggers the threshold and
U7A generates 'LED_Fault' interrupt to the MCU. After receiving continuous interrupts, the
MCU stops outputting the 'PWM_Driver' signal and waits for a certain time for the next try
(refer to Section 4.4). Such burst mode operation definitely lowers the voltage stress and
current stress on power components. The OVP of the LED lamp is achieved by D12. The
principal is similar to that of the first level of OCP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com