Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2946 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 30Page - STMicroelectronics AN2946 Datasheet HTML 31Page - STMicroelectronics AN2946 Datasheet HTML 32Page - STMicroelectronics AN2946 Datasheet HTML 33Page - STMicroelectronics AN2946 Datasheet HTML 34Page - STMicroelectronics AN2946 Datasheet HTML 35Page - STMicroelectronics AN2946 Datasheet HTML 36Page - STMicroelectronics AN2946 Datasheet HTML 37Page - STMicroelectronics AN2946 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
AN2946
Overview of demonstration board
Doc ID 15473 Rev 2
35/38
Note:
STM32F101R4, STM32F101R6, STM32F101R8, STM32F101RB, STM32F101RC
STM32F101RD, STM32F101RE are all equivalent for this purpose.
Table 6.
Pin strip header
Figure
Description
Accessory for JP1
M20 series jumper socket
L2
– 1: 39 µH +/- 4% (W1//W2 and twisted)
– 2: Winding 1: pin 1 to pin 5 (18 turns CCW)
– 3: Winding 2: pin 2 to pin 4 (18 turns CCW)
– 4: Wire gage: AWG31*20
– 5: Core: EER28-Z-PC40
– 6: Bobbin: BEER28-1110CPFR
T1
– 1: 33 µH +/- 4% (W1+W3 @ 50 kHz, 1VRMS)
– 2: Leakage < 0.1 µH (W2 short-circuit)
– 2: Winding 1: pin 1 to pin 5 (5 turns CCW)
– 3: Winding 2: pin 8 to pin 10 (10 turns CCW)
– 4: Winding 3: pin 5 to pin 3 (5 turns CCW)
– 4: Wire gage: AWG31*20
– 5: Core: EER28-Z-PC40
– 6: Bobbin: BEER28-1110CPFR
T2
– 1: 1 mH (W1+W3 @ 50 kHz, 1VRMS)
– 2: Leakage < 10 µH (W2 short-circuit)
– 3: No air-gap is required
– 2: Winding 1: pin 1 to pin 2 (17 turns CCW)
– 3: Winding 2: pin 8 to pin 6 (34 turns CCW)
– 4: Winding 3: pin 2 to pin 3 (17 turns CCW)
– 4: Wire gage: AWG31
– 5: Core: EE10/11-Z-PC40
– 6: Bobbin: BE10-118CPSFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com