Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2946 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 19Page - STMicroelectronics AN2946 Datasheet HTML 20Page - STMicroelectronics AN2946 Datasheet HTML 21Page - STMicroelectronics AN2946 Datasheet HTML 22Page - STMicroelectronics AN2946 Datasheet HTML 23Page - STMicroelectronics AN2946 Datasheet HTML 24Page - STMicroelectronics AN2946 Datasheet HTML 25Page - STMicroelectronics AN2946 Datasheet HTML 26Page - STMicroelectronics AN2946 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
AN2946
Firmware design
Doc ID 15473 Rev 2
23/38
Once the battery is deeply discharged, and the voltage falls below 'UBATth2', the MCU stops
driving the LED lamp immediately. For battery life cycle considerations, the battery cannot
be discharged until it is fully charged. DD_Flag is set when UBAT < UBATth2 and is reset
when UBAT ≥ UBATth3.
4.2
Battery charging management
4.2.1
MPPT principle
The objective of the MPPT algorithm is to get the maximum battery charging power. Taking
into account the charger efficiency, this is the most efficient way to utilize solar energy. In
Figure 28 there exists a maximum power point for each curve.
Figure 28.
80 W solar module I-V and P-V curve
In actual conditions, the I-V curve and P-V curve of the solar module change with different
irradiance and temperature which means the charging current cannot remain constant even
when the charging voltage is fixed. This kind of state causes the MPPT algorithm to be
adaptive and dynamic. The solar-LED streetlight controller adopts one of the MPPTs, i.e.
P&O (perturbation and observation) method.
Figure 29.
P and O method
1.
Step 1: Suppose the charger is working at point A, the duty cycle is DC(A). At the next
step, the MCU increases the duty cycle to DC(B). The charger then moves to point B at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com