Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2946 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 30Page - STMicroelectronics AN2946 Datasheet HTML 31Page - STMicroelectronics AN2946 Datasheet HTML 32Page - STMicroelectronics AN2946 Datasheet HTML 33Page - STMicroelectronics AN2946 Datasheet HTML 34Page - STMicroelectronics AN2946 Datasheet HTML 35Page - STMicroelectronics AN2946 Datasheet HTML 36Page - STMicroelectronics AN2946 Datasheet HTML 37Page - STMicroelectronics AN2946 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
AN2946
Revision history
Doc ID 15473 Rev 2
37/38
7
Revision history
Table 7.
Document revision history
Date
Revision
Changes
16-Oct-2009
1
Initial release.
28-Sep-2010
2
– For easy mount and better operating life of demo-board, below
type of connectors are changed.
1: P1: Solar panel connector
2: P2: Battery connector
3: P3: LED lamp connector
– MCU reset switch is renamed as B1.
– Battery use only 12VDC. Below figures are renew according to the
modification.
– Figure 1, 6, 7, 9, 10, 11, 12, 13, 14, 18, 40, 41, 42 changed
– Table 5 updated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com