Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2946 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 18Page - STMicroelectronics AN2946 Datasheet HTML 19Page - STMicroelectronics AN2946 Datasheet HTML 20Page - STMicroelectronics AN2946 Datasheet HTML 21Page - STMicroelectronics AN2946 Datasheet HTML 22Page - STMicroelectronics AN2946 Datasheet HTML 23Page - STMicroelectronics AN2946 Datasheet HTML 24Page - STMicroelectronics AN2946 Datasheet HTML 25Page - STMicroelectronics AN2946 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
Firmware design
AN2946
22/38
Doc ID 15473 Rev 2
4.1
Main loop
In the main loop in Figure 27, the parameter 'Timth3' restricts the execution time of every
loop within around 1 ms to make sure system is in steady state after changing the duty cycle
of the battery charger or LED lamp driving. A loop speed that is too fast might cause an
inaccurate value to be processed by the ADC.
Figure 27.
Main loop flowchart
EXTIth
3
Number of times that LED_Fault EXTI has been triggered
Δ
1 system clock
cycle (~28 ns)
Step of duty cycle adjustment (may not be constant)
Table 4.
Firmware reference parameters (continued)
Parameter
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com