Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2946 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 28Page - STMicroelectronics AN2946 Datasheet HTML 29Page - STMicroelectronics AN2946 Datasheet HTML 30Page - STMicroelectronics AN2946 Datasheet HTML 31Page - STMicroelectronics AN2946 Datasheet HTML 32Page - STMicroelectronics AN2946 Datasheet HTML 33Page - STMicroelectronics AN2946 Datasheet HTML 34Page - STMicroelectronics AN2946 Datasheet HTML 35Page - STMicroelectronics AN2946 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Overview of demonstration board
AN2946
32/38
Doc ID 15473 Rev 2
5.3
Bill of material
Table 5.
BOM
Name
Value
Rated
Type
B1
One way 6x6 mm
(SMD), 4.3 mm(H), tactile switch
OMRON
C1, C6
1 µF
(1210), 100 V, ceramic capacitor
C2, C3, C12, C14, C24,
C36, C39, C41, C42, C43,
C46, C48, C49, C50, C51,
C52, C56, C57, C58, C60,
C62, C65, C66, C67,
C68, C77, C79
100 nF
(0603), 50 V, ceramic capacitor
C4, C5, C13
470 µF
63 V, Al-cap electrolytic capacitor
Rubycon
C7, C8, C35, C38, C45,
C53, C73, C74
1 µF
(0805), 25 V, ceramic capacitor
C9, C22, C34, C44, C75,
C76, C80
22 µF
50 V, Al-cap electrolytic capacitor
Rubycon
C10, C11, C25, C26
220 pF
(0805), 50 V, ceramic capacitor
C15, C20
1 µF
(1206), 50 V, ceramic capacitor
C17
560 pF
(0603), 50 V, ceramic capacitor
C18, C19, C30, C33
220 µF
50 V, Al-cap electrolytic capacitor
Rubycon
C23, C59, C61, C63, C69,
C70, C71, C72,
330 nF
(0805), 50 V, ceramic capacitor
C27, C29, C32, C64, C83
100 pF
(0603), 50 V, ceramic capacitor
C28
220 pF
(0603), 250 V, ceramic capacitor
C47
10 µF
(3528-21), 16 V, tantalum
VISHAY
C54, C55
20 pF
(0603), 50 V, ceramic capacitor
CN1
20-way box header
(Right angle mounting), JTAG connector
Tyco electronics
D1, D11, D13, D17, D18,
D19, D20, D21, D22, D23,
D24, D25, D26, D27, D28,
D29, D30, D31, D32, D33,
D34, D35, D36, D37
BAT46JFILM
(SOD323), small signal Schottky diode
STMicroelectronics
D2, D3, D12
15 V
(SOD 80C), Zener diode
D4, D10
STPS20H100CFP
(TO-220FPAB), power Schottky rectifier
STMicroelectronics
D5, D9
SMAJ24A-TR
(SMA or DO-214AC), 24V 400W
TransilTM (TVS)
STMicroelectronics
D7
3.9 V
(SOD 80C), Zener diode
D8
STPS1H100A
(SMA or DO-214AC), power Schottky
rectifier
STMicroelectronics
D14
STPS2045CFP
(TO-220FPAB), power Schottky rectifier
STMicroelectronics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com