Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2946 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2946
Description  Solar-LED streetlight controller with 25 W LED lamp driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2946 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2946 Datasheet HTML 29Page - STMicroelectronics AN2946 Datasheet HTML 30Page - STMicroelectronics AN2946 Datasheet HTML 31Page - STMicroelectronics AN2946 Datasheet HTML 32Page - STMicroelectronics AN2946 Datasheet HTML 33Page - STMicroelectronics AN2946 Datasheet HTML 34Page - STMicroelectronics AN2946 Datasheet HTML 35Page - STMicroelectronics AN2946 Datasheet HTML 36Page - STMicroelectronics AN2946 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
AN2946
Overview of demonstration board
Doc ID 15473 Rev 2
33/38
D16
STPS1L60A
(SMA or DO-214AC), power Schottky
rectifier
STMicroelectronics
F1
10 A
(2.54 x 7.2 mm, axial lead), 251 series
fuse
Littelfuse®
JP1 (see Table 6)
0.64x0.64 mm, 2 way
2.54 mm pitch, Pin strip header
3M
L2 (see Table 6)
39 µH
Inductor
BOBITRANS
L5, L6
600
Ω @ 100 MHz
(0603), Chip ferrite bead, 25%, 200mA
max.
MuRata
LD1, LD2, LD3, LD4
80 mcd, yellow
(0603), LED
VISHAY
LD5
45 mcd, red
(3.0, diffused, radio lead), LED
VISHAY
LD6
10 mcd, green
(3.0, undiffused, radio lead), LED
VISHAY
P1, P2, P3
Terminal block
2 Terminal, pitch 7.5 mm
DEGSON®
P4, P5, P6
Header, 2 pin
HDR1x2, pitch 2.54 mm
Q1
STP40NF10
(TO-220), N-channel MOSFET
STMicroelectronics
Q2, Q4
STP75NF75FP
(TO-220FP), N-channel MOSFET
STMicroelectronics
Q3, Q5, Q6, Q7, Q11,
Q12
MMBTA42
(SOT-23), NPN bipolar transistor
STMicroelectronics
Q8, Q9, Q13, Q14
BC807
(SOT-23), PNP bipolar transistor
Q10
TYN616RG
(TO-220AB), Triac
STMicroelectronics
R1, R2, R3, R4, R9, R17,
R18, R19, R20, R46, R47,
R55
0.1
Ω
(1206), 1%, resistor
R5, R7, R10, R12, R15,
R16, R22, R23, R24, R26,
R28, R31, R40, R53,
R101
10
Ω
(0805), 1%, resistor
R6, R13, R29
10 k
Ω
(0805), 5%, resistor
R8
0.2
Ω
(Axial lead), cement, 2 W, resistor
TOKEN®
R11, R45, R48, R49, R59,
R60, R61, R62, R63, R64,
R65, R67, R69, R95,
R97, R104, R105, R110,
R111, R112, R113, R114,
R117, R118, R119, R120,
R121, R122, R123, R124,
R125
10 k
Ω
(0603), 5%, resistor
R14, R27, R50
1.2 k
Ω
(0805), 5%, resistor
R21, R70, R71, R72, R73,
R74, R106
330
Ω
(0603), 5%, resistor
R25
1.8 k
Ω
(0603), 5%, resistor
R30, R33, R54
33 m
Ω
(1210), 1%, resistor
Table 5.
BOM (continued)
Name
Value
Rated
Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com