Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3320 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 5Page - STMicroelectronics AN3320 Datasheet HTML 6Page - STMicroelectronics AN3320 Datasheet HTML 7Page - STMicroelectronics AN3320 Datasheet HTML 8Page - STMicroelectronics AN3320 Datasheet HTML 9Page - STMicroelectronics AN3320 Datasheet HTML 10Page - STMicroelectronics AN3320 Datasheet HTML 11Page - STMicroelectronics AN3320 Datasheet HTML 12Page - STMicroelectronics AN3320 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AN3320
Power supplies
Doc ID 18267 Rev 2
9/29
Figure 2.
Power supply scheme
1.
Optional. If a separate, external reference voltage is connected on VREF+, the two capacitors (100 nF and
1 µF) must be connected.
2.
VREF+ is either connected to VREF or to VDDA.
3.
N is the number of VDD and VSS inputs.
4.
Refer to section "Voltage regulator" in STM32F20xxx/21xxx datasheet to connect REGOFF and IRROFF
pins.
1.3
Reset & power supply supervisor
1.3.1
Power on reset (POR) / power down reset (PDR)
The device has an integrated POR/PDR circuitry that allows proper operation starting from
1.8 V.
The device remains in the Reset mode as long as VDD is below a specified threshold,
VPOR/PDR, without the need for an external reset circuit. For more details concerning the
power on/power down reset threshold, refer to the electrical characteristics in
STM32F20xxx/21xxx datasheets.
On WLCSP66 package if IRROFF pin is set to VDD (in that case REGOFF pin must not be
activated, refer to section "Voltage regulator" in STM32F20xxx/21xxx datasheet for details ),
the PDR is not functional. Then the VDD can lower below 1.8 V, but the external circuitry
must ensure that reset pin is activated when VDD/VDDA becomes below 1.65 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com