Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3320 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 13Page - STMicroelectronics AN3320 Datasheet HTML 14Page - STMicroelectronics AN3320 Datasheet HTML 15Page - STMicroelectronics AN3320 Datasheet HTML 16Page - STMicroelectronics AN3320 Datasheet HTML 17Page - STMicroelectronics AN3320 Datasheet HTML 18Page - STMicroelectronics AN3320 Datasheet HTML 19Page - STMicroelectronics AN3320 Datasheet HTML 20Page - STMicroelectronics AN3320 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN3320
Boot configuration
Doc ID 18267 Rev 2
17/29
3.3
Embedded boot loader mode
The Embedded boot loader mode is used to reprogram the Flash memory using one of the
available serial USART1(PA9/PA10), USART3(PB10/11 & PC10/11), CAN2(PB5/13) or USB
OTG FS(PA11/12) in Device mode (DFU: device firmware upgrade).
The USART peripheral operates with the internal 16 MHz oscillator (HSI). The CAN and
USB OTG FS, however, can only function if an external clock (HSE) multiple of 1 MHz
(between 4 and 26 MHz)is present.
This embedded boot loader is located in the System memory and is programmed by ST
during production.
For additional information, refer to AN2606.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com