Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3320 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 7Page - STMicroelectronics AN3320 Datasheet HTML 8Page - STMicroelectronics AN3320 Datasheet HTML 9Page - STMicroelectronics AN3320 Datasheet HTML 10Page - STMicroelectronics AN3320 Datasheet HTML 11Page - STMicroelectronics AN3320 Datasheet HTML 12Page - STMicroelectronics AN3320 Datasheet HTML 13Page - STMicroelectronics AN3320 Datasheet HTML 14Page - STMicroelectronics AN3320 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AN3320
Power supplies
Doc ID 18267 Rev 2
11/29
1.3.3
System reset
A system reset sets all registers to their reset values except for the reset flags in the clock
controller CSR register and the registers in the Backup domain (see Figure 1).
A system reset is generated when one of the following events occurs:
1.
A low level on the NRST pin (external reset)
2.
window watchdog end-of-count condition (WWDG reset)
3.
Independent watchdog end-of-count condition (IWDG reset)
4.
A software reset (SW reset)
5.
Low-power management reset
The reset source can be identified by checking the reset flags in the Control/Status register,
RCC_CSR.
The STM32F20xxx/21xxx does not require an external reset circuit to power-up correctly.
Only a pull-down capacitor is recommended to improve EMS performance by protecting the
device against parasitic resets. See Figure 5.
Charging and discharging a pull-down capacitor through an internal resistor increases the
device power consumption. The capacitor recommended value (100 nF) can be reduced to
10 nF to limit this power consumption;
Figure 5.
Reset circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com