Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3320 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 10Page - STMicroelectronics AN3320 Datasheet HTML 11Page - STMicroelectronics AN3320 Datasheet HTML 12Page - STMicroelectronics AN3320 Datasheet HTML 13Page - STMicroelectronics AN3320 Datasheet HTML 14Page - STMicroelectronics AN3320 Datasheet HTML 15Page - STMicroelectronics AN3320 Datasheet HTML 16Page - STMicroelectronics AN3320 Datasheet HTML 17Page - STMicroelectronics AN3320 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Clocks
AN3320
14/29
Doc ID 18267 Rev 2
2.2
LSE OSC clock
The low-speed external clock signal (LSE) can be generated from two possible clock
sources:
●
LSE external crystal/ceramic resonator (see Figure 9)
●
LSE user external clock (see Figure 8)
1.
“LSE crystal/ceramic resonators” figure:
To avoid exceeding the maximum value of CL1 and CL2 (15 pF) it is strongly recommended to use a
resonator with a load capacitance CL ≤ 7 pF. Never use a resonator with a load capacitance of 12.5 pF.
2.
“LSE external clock” and “LSE crystal/ceramic resonators” figures:
OSC32_IN and OSC32_OUT pins can be used also as GPIO, but it is recommended not to use them as
both RTC and GPIO pins in the same application.
3.
“LSE crystal/ceramic resonators” figure:
The value of REXT depends on the crystal characteristics. A 0 Ω resistor would work but would not be
optimal. To fine tube RS value, refer to AN2867 - Oscillator design guide for ST microcontrollers.
2.2.1
External source (LSE bypass)
In this mode, an external clock source must be provided. It can have a frequency of up to
1 MHz. The external clock signal (square, sine or triangle) with a duty cycle of about 50%
has to drive the OSC32_IN pin while the OSC32_OUT pin must be left high impedance (see
Figure 8).
2.2.2
External crystal/ceramic resonator (LSE crystal)
The LSE crystal is a 32.768 kHz low-speed external crystal or ceramic resonator. It has the
advantage of providing a low-power, but highly accurate clock source to the real-time clock
peripheral (RTC) for clock/calendar or other timing functions.
The resonator and the load capacitors have to be connected as close as possible to the
oscillator pins in order to minimize output distortion and startup stabilization time. The load
capacitance values must be adjusted according to the selected oscillator.
Figure 8.
LSE external clock
Figure 9.
LSE crystal/ceramic
resonators
OSC32_OUT
OSC32_IN
External source
(Hi-Z)
ai14371
Hardware configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com