Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3320 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 16Page - STMicroelectronics AN3320 Datasheet HTML 17Page - STMicroelectronics AN3320 Datasheet HTML 18Page - STMicroelectronics AN3320 Datasheet HTML 19Page - STMicroelectronics AN3320 Datasheet HTML 20Page - STMicroelectronics AN3320 Datasheet HTML 21Page - STMicroelectronics AN3320 Datasheet HTML 22Page - STMicroelectronics AN3320 Datasheet HTML 23Page - STMicroelectronics AN3320 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Debug management
AN3320
20/29
Doc ID 18267 Rev 2
To avoid any uncontrolled I/O levels, the STM32F20xxx/21xxx embeds internal pull-up and
pull-down resistors on JTAG input pins:
●
JNTRST: Internal pull-up
●
JTDI: Internal pull-up
●
JTMS/SWDIO: Internal pull-up
●
TCK/SWCLK: Internal pull-down
Once a JTAG I/O is released by the user software, the GPIO controller takes control again.
The reset states of the GPIO control registers put the I/Os in the equivalent state:
●
JNTRST: Input pull-up
●
JTDI: Input pull-up
●
JTMS/SWDIO: Input pull-up
●
JTCK/SWCLK: Input pull-down
●
JTDO: Input floating
The software can then use these I/Os as standard GPIOs.
Note:
The JTAG IEEE standard recommends to add pull-up resistors on TDI, TMS and nTRST but
there is no special recommendation for TCK. However, for the STM32F20xxx/21xxx, an
integrated pull-down resistor is used for JTCK.
Having embedded pull-up and pull-down resistors removes the need to add external
resistors.
4.3.4
SWJ debug port connection with standard JTAG connector
Figure 12 shows the connection between the STM32F20xxx/21xxx and a standard JTAG
connector.
Figure 12.
JTAG connector implementation
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com