Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3320 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 21Page - STMicroelectronics AN3320 Datasheet HTML 22Page - STMicroelectronics AN3320 Datasheet HTML 23Page - STMicroelectronics AN3320 Datasheet HTML 24Page - STMicroelectronics AN3320 Datasheet HTML 25Page - STMicroelectronics AN3320 Datasheet HTML 26Page - STMicroelectronics AN3320 Datasheet HTML 27Page - STMicroelectronics AN3320 Datasheet HTML 28Page - STMicroelectronics AN3320 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
AN3320
Reference design
Doc ID 18267 Rev 2
27/29
VDD_4
49
39
28
19
K4
E1
VDD_5
23
17
11
-
G3
-
VDD_6
62
52
-
-
N8
-
VDD_7
72
62
-
-
N9
-
VDD_8
103
84
-
-
J13
-
VDD_9
114
95
-
-
H13
-
VDD_10
149
121
-
-
C8
-
VDD_11
159
131
-
-
C7
-
VDD_12
36
30
19
-
-
-
VDD_13
15
-
-
-
F3
-
VDD_14
91
-
-
-
J12
-
VDD_15
136
-
-
-
C9
-
VREF+
38
32
21
-
P1
F7
VREF-
---
-
N1
-
VSS
---
-
D5
-
VSSA
37
31
20
12
M1
-
VDDA
39
33
22
13
R1
-
VBAT
66
6
1
C1
A9
REGOFF
---
-
L4
H7
IRROFF
---
-
-
C8
Table 6.
Reference connection for all packages (continued)
Pin name
Pin numbers for LQFP packages
Pin
numbers
for BGA
package
Pin numbers for
WLCSP package
176 pins
144 pins
100 pins
64 pins
176 pins
64+2 pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com