Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3320 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3320
Description  This application note is intended for system designers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3320 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3320 Datasheet HTML 8Page - STMicroelectronics AN3320 Datasheet HTML 9Page - STMicroelectronics AN3320 Datasheet HTML 10Page - STMicroelectronics AN3320 Datasheet HTML 11Page - STMicroelectronics AN3320 Datasheet HTML 12Page - STMicroelectronics AN3320 Datasheet HTML 13Page - STMicroelectronics AN3320 Datasheet HTML 14Page - STMicroelectronics AN3320 Datasheet HTML 15Page - STMicroelectronics AN3320 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
Clocks
AN3320
12/29
Doc ID 18267 Rev 2
2
Clocks
Three different clock sources can be used to drive the system clock (SYSCLK):
●
HSI oscillator clock (high-speed internal clock signal)
●
HSE oscillator clock (high-speed external clock signal)
●
PLL clock
The devices have two secondary clock sources:
●
32 kHz low-speed internal RC (LSI RC) that drives the independent watchdog and,
optionally, the RTC used for Auto-wakeup from the Stop/Standby modes.
●
32.768 kHz low-speed external crystal (LSE crystal) that optionally drives the real-time
clock (RTCCLK)
Each clock source can be switched on or off independently when it is not used, to optimize
the power consumption.
Refer to the STM32F20xxx/21xxx reference manual RM0033 for the description of the clock
tree.
2.1
HSE OSC clock
The high-speed external clock signal (HSE) can be generated from two possible clock
sources:
●
HSE external crystal/ceramic resonator (see Figure 7)
●
HSE user external clock (see Figure 6)
1.
The value of REXT depends on the crystal characteristics. Typical value is in the range of 5 to 6 RS
(resonator series resistance).
2.
Load capacitance CL has the following formula: CL = CL1 x CL2 / (CL1 + CL2) + Cstray where: Cstray is the pin
capacitance and board or trace PCB-related capacitance. Typically, it is between 2 pF and 7 pF. Please
refer to Section 5: Recommendations on page 21 to minimize its value.
Figure 6.
HSE external clock
Figure 7.
HSE crystal/ceramic
resonators
OSC_OUT
OSC_IN
External source
(Hi-Z)
ai14369
Hardware configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com