Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3394 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3394
Description  Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3394 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3394 Datasheet HTML 9Page - STMicroelectronics AN3394 Datasheet HTML 10Page - STMicroelectronics AN3394 Datasheet HTML 11Page - STMicroelectronics AN3394 Datasheet HTML 12Page - STMicroelectronics AN3394 Datasheet HTML 13Page - STMicroelectronics AN3394 Datasheet HTML 14Page - STMicroelectronics AN3394 Datasheet HTML 15Page - STMicroelectronics AN3394 Datasheet HTML 16Page - STMicroelectronics AN3394 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
AN3394
Application to DEMO-CR95HF-A demonstration board
Doc ID 018754 Rev 5
13/29
2
Application to DEMO-CR95HF-A demonstration
board
This section describes in detail the numerical application corresponding to the DEMO-
CR95HF-A demonstration board.
If your application requires a different antenna, use the DEMO-CR95HF-A Gerber files
available for http://ww.st.com to design your own antenna. Guidelines on how to design an
antenna can be found in Section 4: Main criteria for key antenna design.
2.1
Antenna parameters
This section describes part 3 of circuit shown in Figure 9: CR95HF parallel matching circuit
intermediate simplification.
2.1.1
Antenna serial equivalent model
Figure 11.
Antenna parameters without EMI filter
Where values from Equation (I.4) give:
RA =O.6 Ω and LA = 36.6* ω.
As a result, LA = 430 nH.
The capacitance is included in the inductance presented above. As a result:
Equation (II.1)
Where
QA:
Antenna quality factor, defined with antenna parameter.
IM(x):
Imaginary part of the complex number x.
RE(x): Real part of the complex number x.
ω:
Resonance pulsation [rad/s].
ω = 2π f with f = 13.56 MHz.
Q
A
IM Z
load
()
[]
RE Z
load
()
---------------------------------
ω L
A
×
R
A
-----------------
61 1
,
=
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com