Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3394 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3394
Description  Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3394 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3394 Datasheet HTML 16Page - STMicroelectronics AN3394 Datasheet HTML 17Page - STMicroelectronics AN3394 Datasheet HTML 18Page - STMicroelectronics AN3394 Datasheet HTML 19Page - STMicroelectronics AN3394 Datasheet HTML 20Page - STMicroelectronics AN3394 Datasheet HTML 21Page - STMicroelectronics AN3394 Datasheet HTML 22Page - STMicroelectronics AN3394 Datasheet HTML 23Page - STMicroelectronics AN3394 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Main criteria for key antenna design
AN3394
20/29
Doc ID 018754 Rev 5
A user interface allows to enter the antenna parameters which will be used to compute the
antenna coil inductance:
●
The number of turns
●
The number of segments
●
w: the conductor width in millimeters
●
s: the conductor spacing in millimeters
●
the conductor thickness in micrometers)
●
Length in millimeters
●
Width in millimeters
The number of turns is incremented each time a segment is added to a complete turn.
Figure 19 shows the user interface corresponding to the DEMO-CR95HF-A antenna and
Figure 20 the characteristics of the rectangular planar antenna etched on the DEMO-
CR95HF-A PCB.
The resulting impedance, Lant, is 423.07 nH instead of 430 nH, knowing that this value
includes the parasitic capacitance. Without the parasitic capacitance, the measured value of
Lant is 420.2 nH.
Figure 19.
User interface for planar rectangular coil inductance calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com