Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3394 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN3394
Description  Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3394 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN3394 Datasheet HTML 13Page - STMicroelectronics AN3394 Datasheet HTML 14Page - STMicroelectronics AN3394 Datasheet HTML 15Page - STMicroelectronics AN3394 Datasheet HTML 16Page - STMicroelectronics AN3394 Datasheet HTML 17Page - STMicroelectronics AN3394 Datasheet HTML 18Page - STMicroelectronics AN3394 Datasheet HTML 19Page - STMicroelectronics AN3394 Datasheet HTML 20Page - STMicroelectronics AN3394 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
AN3394
Read range estimate
Doc ID 018754 Rev 5
17/29
3.2
Read range calculation
Figure 16: Read range evolution shows the magnetic field strength radiated by the DEMO-
CR95HF-A demonstration board. Neglecting the effect of mutual coupling between the
CR95HF antenna and tag, it is possible to estimate the read range for a given tag.
As an example, the minimum operating fields for a M24LR64-R dual mode memory
mounted on the ANT1-M24LR-A reference board is around 50 mA/m.
Reporting this value on Figure 16: Read range evolution gives an estimated read range of
10 cm.
Figure 16.
Read range evolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com