Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3394 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3394
Description  Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3394 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3394 Datasheet HTML 12Page - STMicroelectronics AN3394 Datasheet HTML 13Page - STMicroelectronics AN3394 Datasheet HTML 14Page - STMicroelectronics AN3394 Datasheet HTML 15Page - STMicroelectronics AN3394 Datasheet HTML 16Page - STMicroelectronics AN3394 Datasheet HTML 17Page - STMicroelectronics AN3394 Datasheet HTML 18Page - STMicroelectronics AN3394 Datasheet HTML 19Page - STMicroelectronics AN3394 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Read range estimate
AN3394
16/29
Doc ID 018754 Rev 5
3
Read range estimate
This section explains how to obtain the maximum read range between tag and CR95HF.
3.1
Magnetic field calculation
For a rectangular antenna, the radiated magnetic field can be estimated using the following
formula:
Figure 15.
Rectangular antenna
Equation (III.1)
Where
a:
Antenna length. [m]
b:
Antenna width. [m]
d:
Distance from tag to antenna. [m]
N:
Number of turns
i:
Current in the antenna. [A rms]
Hx:
Magnetic field. [A/m rms]
rms:
Root mean square.
H
x dr
(, )
2N
×
i
×
a
×
b
×
π
a
2
b
2
4d
2
×
++
()
×
-----------------------------------------------------------
1
a
2
4d
2
×
+
----------------------------
1
b
2
4d
2
×
+
----------------------------
+
⎝⎠
⎛⎞
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com