Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3394 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3394
Description  Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3394 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3394 Datasheet HTML 19Page - STMicroelectronics AN3394 Datasheet HTML 20Page - STMicroelectronics AN3394 Datasheet HTML 21Page - STMicroelectronics AN3394 Datasheet HTML 22Page - STMicroelectronics AN3394 Datasheet HTML 23Page - STMicroelectronics AN3394 Datasheet HTML 24Page - STMicroelectronics AN3394 Datasheet HTML 25Page - STMicroelectronics AN3394 Datasheet HTML 26Page - STMicroelectronics AN3394 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AN3394
Demonstration of C11 and C22 calculation
Doc ID 018754 Rev 5
23/29
Appendix A
Demonstration of C11 and C22 calculation
A.1
Equivalent circuit
Ztot defines the input impedance of the matching circuit and the equivalent parallel antenna.
Figure 22.
Final equivalent circuit
1.
Calculation of Req:
Equation (A.I.1)
2.
Calculation of Ztot:
Equation (A.I.2)
3.
Resonance pulsation:
To determine the resonance pulsation, the imaginary part of Ztot must be cancelled. The
conditions are:
Equation (A.I.3)
R
eq
R
RXP
R
PA
×
R
RXP
R
PA
+
--------------------------------
=
Z
tot
1
jC
11
ω
×
×
---------------------------
R
eq
1L
PA
ω
2
C
22
C
11 )
+
(
×
×
–
() j ω L
PA
×
×
+
×
R
eq 1LPA
C
22
ω
2
×
×
–
() j ω L
PA
×
×
+
------------------------------------------------------------------------------------------------------------------------------
×
=
Z
tot
R
tot
jX
tot
×
+
=
R
tot
R
out
=
and
X
tot
0
=
R
tot
R
eq
L
PA
C
11
ω
2
1L
PA
ω
2
×
C
22
C
11
+
()
–
ω
2
L
PA
R
eq
×
×
C
11
×
1L
PA
ω
2
C
22
×
×
–
()
×
+
()
×
×
×
×
–
R
eq
C
11
ω
×
×
()
2
1L
PA
C
22
ω
2
×
×
–
()
2
ω
2
L
PA
C
11
×
×
()
2
+
×
----------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com