Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3394 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3394
Description  Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3394 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3394 Datasheet HTML 10Page - STMicroelectronics AN3394 Datasheet HTML 11Page - STMicroelectronics AN3394 Datasheet HTML 12Page - STMicroelectronics AN3394 Datasheet HTML 13Page - STMicroelectronics AN3394 Datasheet HTML 14Page - STMicroelectronics AN3394 Datasheet HTML 15Page - STMicroelectronics AN3394 Datasheet HTML 16Page - STMicroelectronics AN3394 Datasheet HTML 17Page - STMicroelectronics AN3394 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Application to DEMO-CR95HF-A demonstration board
AN3394
14/29
Doc ID 018754 Rev 5
2.1.2
Antenna parallel equivalent model
Figure 12.
Antenna serial-to-parallel RL equivalent circuit
The values given hereafter are the numerical application of Equation (A.II.5) and Equation
(A.II.6):
RPA = 2238 Ω
LPA =430,1 nH
2.2
CR95HF receiving circuit equivalent models
2.2.1
CR95HF receiving circuit parallel equivalent model
This section describes part 4 of the circuit shown in Figure 9: CR95HF parallel matching
circuit intermediate simplification.
Figure 13.
CR95HF serial-to-parallel RC circuit equivalence
The values hereafter are the numerical application of Equation (A.III.5) and Equation
(A.III.6):
RRXP =1091 Ω
Cinput-p =8.69pF
The circuit includes a 80 k
Ω R
input in parallel with ZRXP, as shown in Figure 14: Circuit
including Rinput internal resistor. For more details, refer to the CR95HF datasheet. Rinput
resistance should be neglected as demonstrated below.
Where
Zload:
Antenna equivalent series impedance. [
Ω]
ZloadP:
Antenna equivalent parallel impedance. [
Ω]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com