Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3394 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN3394
Description  Antenna design and impedance matching guidelines for CR95HF multiprotocol contactless transceiver IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3394 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN3394 Datasheet HTML 20Page - STMicroelectronics AN3394 Datasheet HTML 21Page - STMicroelectronics AN3394 Datasheet HTML 22Page - STMicroelectronics AN3394 Datasheet HTML 23Page - STMicroelectronics AN3394 Datasheet HTML 24Page - STMicroelectronics AN3394 Datasheet HTML 25Page - STMicroelectronics AN3394 Datasheet HTML 26Page - STMicroelectronics AN3394 Datasheet HTML 27Page - STMicroelectronics AN3394 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Demonstration of C11 and C22 calculation
AN3394
24/29
Doc ID 018754 Rev 5
Equation (A.I.4)
Neglecting
ω2 x L
PA
2, then resolving the numerator leads to two different resonance
pulsation
ω
0 and ω1:
Equation (A.I.5)
Equation (A.I.6)
Finally inserting Equation (A.I.5) in Equation (A.I.3) leads to:
Equation (A.I.7)
Equation (A.I.8)
Equation (A.I.9)
In addition, Cinput-p is in parallel with C22, and Cinput-p has to be subtracting to C22.
A.2
Serial to parallel equivalence RL impedance, and example of
RL load
Figure 23.
Serial-to-parallel RL equivalent circuit
X
tot
ω C
11
×
R
eq
2
1L
PA
ω
2
C
22
×
×
–
() 1L
PA
ω
2
C
22
C
11 )
+
(
×
×
–
()
×ω
2
L
PA
2
×
+
R
eq
C
11
ω
×
×
()
2
1L
PA
C
22
ω
2
×
×
–
()
2
×ω
2
L
PA
C
11
×
×
()
2
+
-------------------------------------------------------------------------------------------------------------------------------------------------------------------------------------
×
–
=
ω
0
1
L
PA
C
22
C
11 )
+
(
×
------------------------------------------------
=
ω
1
1
L
PA
C
22
×
--------------------------
=
C
11
1
R
eq
ω
0
×
-----------------------
R
eq
R
out
-----------
1
–
⎝⎠
⎛⎞
×
=
C
22
1
L
PA
ω
0
2
×
--------------------------
C
11
–
=
C
22
1
L
PA
ω
0
2
×
--------------------------
C
11
–
C
input
p
–
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com