Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3404 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 7Page - STMicroelectronics AN3404 Datasheet HTML 8Page - STMicroelectronics AN3404 Datasheet HTML 9Page - STMicroelectronics AN3404 Datasheet HTML 10Page - STMicroelectronics AN3404 Datasheet HTML 11Page - STMicroelectronics AN3404 Datasheet HTML 12Page - STMicroelectronics AN3404 Datasheet HTML 13Page - STMicroelectronics AN3404 Datasheet HTML 14Page - STMicroelectronics AN3404 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
AN3404
Low power modes
Doc ID 018847 Rev 3
11/30
4.3
Slowing down the clock frequency
In Run mode, choosing the clock frequency is very important to ensure the best compromise
between performance and consumption. The selection is done by programming the
prescaler registers. These registers can also be used to slow down the peripherals before
entering a low power mode.
4.4
Peripheral clock gating (PCG)
Peripheral clock gating (PCG) can be used for additional power saving. This can be done at
any time by selectively enabling or disabling the clock connection to individual peripherals
through the CLK_PCKENRx registers. These settings are effective both in Run and Wait
modes.
Note:
As all peripheral clocks are gated by default after reset on STM8TL5xxx devices, it is
mandatory to enable the clock for a given peripheral before accessing any peripheral
register.
4.5
Execution from RAM
The code can be executed from RAM in order to save power consumption. However, due to
the difference between the size of the data and the instruction bus from Flash (32-bit) and
RAM (8-bit), performance is degraded when executed from RAM. It is important to take into
account the performance and the ratio between Run/Halt operations.
Figure 2 shows the different bus widths for Flash and RAM memories.
Table 2.
Low power mode summary
Low power
modes
Entry
instruction
Functions
Low power mode
consumptions
CPU
Peripherals
HSI
LSI
Flash RAM
STM8TL5xxx
typical values
@ 3 V/25°C
Wait
WFE or
WFI
Off
Can be
enabled
On
On
On
On
500 µA
Active-halt
with
ProxSense
Halt
Off
On
Off
On
600 µA(1)
1.
Value during an acquisition (see the STM8TL5xxx datasheet) with 1 transmitter and 1 receiver.
Active-halt
with AWU
On
Off
On
1.0 µA
Halt
Off
Off
On
0.4 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com