Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3404 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 14Page - STMicroelectronics AN3404 Datasheet HTML 15Page - STMicroelectronics AN3404 Datasheet HTML 16Page - STMicroelectronics AN3404 Datasheet HTML 17Page - STMicroelectronics AN3404 Datasheet HTML 18Page - STMicroelectronics AN3404 Datasheet HTML 19Page - STMicroelectronics AN3404 Datasheet HTML 20Page - STMicroelectronics AN3404 Datasheet HTML 21Page - STMicroelectronics AN3404 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
General power management tips
AN3404
18/30
Doc ID 018847 Rev 3
5.5
Minimizing power consumption
The following recommendations can help the user choose the right configurations to
minimize power consumption of the device in the application:
●
Switch off all unused peripherals (peripherals are switched off by default) and use the
peripheral clock gating (PCG) feature (through the CLK_PCKENRx registers) to disable
the clock provided to the peripherals when not in use (these clocks are disabled by
default).
●
All unused pins must be connected to a defined logic level. One option is to configure
them as output low level. Make sure there are no unused I/O pins configured as a
floating input. This needlessly leads to high consumption.
●
Use Wait mode if external wakeup capability is needed in low power mode and if some
peripherals have to remain active.
●
Use the appropriate VDD value for the application. The higher the VDD value, the more
power is consumed. Thanks to the internal regulator, which supplies internal structures
of the MCU, there is no major difference in the MCU consumption but, the difference
could be visible at the application level, for example, due to the current flowing through
the pull-up resistors out of the MCU.
●
Use Active-halt and Halt modes as much as possible. To achieve this, shorten the time
spent in Run mode, for example, by using the highest clock speed in Run mode.
●
When a low power mode cannot be used, use the minimum possible frequency for the
application. Select the frequency value that meets requirements.
●
Use the dynamic control pull-up configuration if possible (see Section 5.3: Dynamic
control of pull-up resistor on page 17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com