Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3404 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN3404
Description  Low power considerations for STM8TL5xxx devices
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3404 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN3404 Datasheet HTML 18Page - STMicroelectronics AN3404 Datasheet HTML 19Page - STMicroelectronics AN3404 Datasheet HTML 20Page - STMicroelectronics AN3404 Datasheet HTML 21Page - STMicroelectronics AN3404 Datasheet HTML 22Page - STMicroelectronics AN3404 Datasheet HTML 23Page - STMicroelectronics AN3404 Datasheet HTML 24Page - STMicroelectronics AN3404 Datasheet HTML 25Page - STMicroelectronics AN3404 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Low power mode management by the STM8TL5x STMTouch Library
AN3404
22/30
Doc ID 018847 Rev 3
7
Low power mode management by the STM8TL5x
STMTouch Library
7.1
Configuration available in the stm8_tsl_conf.h file
This section presents the parameters of the library, corresponding to the features presented
in Section 6: ProxSense and low power modes.
7.1.1
Acquisition time
The acquisition time depends on the:
1.
Frequency of the acquisition
2.
Up and pass length
3.
Average value targeted when there is no touch
Frequency of the acquisition
The frequency of the acquisition is set in the TSLPRM_PXS_HSI (the high-speed internal
clock that is dedicated to the analog ProxSense system). The possible frequencies are:
●
16 MHz (TSLPRM_PXS_HSI 16000)
●
8 MHz (TSLPRM_PXS_HSI 8000)
●
4 MHz (TSLPRM_PXS_HSI 4000)
●
2 MHz (TSLPRM_PXS_HSI 2000)
●
1 MHz (TSLPRM_PXS_HSI 1000)
●
500 kHz (TSLPRM_PXS_HSI 500)
●
250 kHz (TSLPRM_PXS_HSI 250)
●
125 kHz (TSLPRM_PXS_HSI 125)
Up and pass length
Up and Pass are the two active phases of a ProxSense acquisition cycle. Their length must
be selected in order to ensure a correct charge and discharge of the projected capacitance
between each receiver/transmitter pair.
If the Up and Pass lengths are set for a value of less than five by
TSLPRM_PXS_UP_LENGTH and TSLPRM_PXS_PASS_LENGTH definitions, each phase
lasts this value (TSLPRM_PXS_UP_LENGTH/ TSLPRM_PXS_PASS_LENGTH) + 0.5
cycles. For a value greater than or equal to five, each Up and Pass length is
2^(TSLPRM_PXS_UP_LENGTH-2)+0.5 cycles and 2^(TSLPRM_PXS_PASS_LENGTH-
2)+0.5 cycles.
If the TSLPRM_PXS_UP_LENGTH and TSLPRM_PXS_PASS_LENGTH are equal, Table 4
gives the correspondence between the Up and Pass length value and the number of cycles
of a complete phase (Up + Pass + deadtimes).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com